Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC58D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC58D
Description  Dual AND-OR gate
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC58D Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC58D Datasheet HTML 1Page - NXP Semiconductors 74HC58D Datasheet HTML 2Page - NXP Semiconductors 74HC58D Datasheet HTML 3Page - NXP Semiconductors 74HC58D Datasheet HTML 4Page - NXP Semiconductors 74HC58D Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
December 1990
5
Philips Semiconductors
Product specification
Dual AND-OR gate
74HC58
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: SSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr = tf = 6 ns; CL = 50 pF
AC WAVEFORMS
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min. typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
1A,1B,1C,1D,1E,
1F to 1Y
36
13
10
115
23
20
145
29
25
175
35
30
ns
2.0
4.5
6.0
Fig.6
tPHL/ tPLH
propagation delay
2A,2B,2C,2D to 2Y
30
11
9
100
20
17
125
25
21
150
30
26
ns
2.0
4.5
6.0
Fig.6
tTHL/ tTLH
output transition
time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.6
Fig.6
Waveforms showing the input (nA, nB, nC, nD, 1E, 1F) to output (nY) propagation delays and the output
transition times.
(1) HC : VM = 50%; VI = GND to VCC.
handbook, full pagewidth
MBA336
t PHL
VM
(1)
t
THL
t PLH
t
TLH
VM
(1)
nA, nB, nC, nD,
1E, 1F INPUT
nY OUTPUT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com