Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC58D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC58D
Description  Dual AND-OR gate
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC58D Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC58D Datasheet HTML 1Page - NXP Semiconductors 74HC58D Datasheet HTML 2Page - NXP Semiconductors 74HC58D Datasheet HTML 3Page - NXP Semiconductors 74HC58D Datasheet HTML 4Page - NXP Semiconductors 74HC58D Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
December 1990
4
Philips Semiconductors
Product specification
Dual AND-OR gate
74HC58
Fig.4 Functional diagram.
Fig.5 Logic diagram.
FUNCTION TABLE (1)
INPUTS
OUTPUT
1A
1B
1C
1D
1E
1F
1Y
L
L
L
X
X
X
X
X
L
L
X
X
X
X
X
L
X
X
L
X
X
L
X
X
L
X
X
L
X
X
L
L
L
L
L
X
X
X
X
X
H
L
X
X
X
X
H
X
L
L
L
X
H
X
L
X
X
H
X
X
X
L
X
H
X
L
X
X
L
H
X
L
L
L
L
H
H
Note
1. H = HIGH voltage level
L = LOW voltage level
X = don’t care
INPUTS
OUTPUT
2A
2B
2C
2D
2Y
L
L
X
X
X
H
X
X
L
L
X
H
L
X
L
X
H
X
X
L
X
L
H
X
L
L
L
L
H
H



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com