Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC Datasheet(PDF) 2 Page - DB Lectro Inc

Part # MPC
Description  Metallized Polyester Film Capacitor (Axial and Oval)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MPC Datasheet(HTML) 2 Page - DB Lectro Inc

  MPC Datasheet HTML 1Page - DB Lectro Inc MPC Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MPC
Metallized Polyester Film Capacitor (Axial and Oval)
OUTLINE DRAWING
DIMENSION
Unit mm
CAPACITANCE
100VDC
250VDC
400VDC
630VDC
symbol
µF
W
H
T
P
d
W
H
T
P
d
W
H
T
P
d
W
H
T
P
d
102
0.0010 10.5 9.0
4.0
7.5 0.6 10.5
9.0
4.0
7.5 0.6 10.5 9.0 4.0 7.5 0.6 10.5 9.0 4.0 7.5 0.6
152
0.0015 10.5 9.0
4.0
7.5 0.6 10.5
9.0
4.0
7.5 0.6 10.5 9.0 4.0 7.5 0.6 10.5 9.0 4.0 7.5 0.6
222
0.0022 10.5 9.0
4.0
7.5 0.6 10.5
9.0
4.0
7.5 0.6 10.5 9.0 4.0 7.5 0.6 10.5 9.0 4.0 7.5 0.6
332
0.0033 10.5 9.0
4.0
7.5 0.6 10.5
9.0
4.0
7.5 0.6 10.5 9.0 4.0 7.5 0.6 10.5 9.0 4.0 7.5 0.6
472
0.0047 10.5 9.0
4.0
7.5 0.6 10.5
9.0
4.0
7.5 0.6 10.5 9.0 4.0 7.5 0.6 10.5 9.0 4.0 7.5 0.6
682
0.0068 13.0 9.0
4.0 10.0 0.6 13.0
9.0
4.0 10.0 0.6 13.0 9.0 4.0 10.0 0.6 13.0 9.0 4.0 10.0 0.6
103
0.010
13.0 9.0
4.0 10.0 0.6 13.0
9.0
4.0 10.0 0.6 13.0 9.0 4.0 10.0 0.6 13.0 9.0 4.0 10.0 0.6
153
0.015
13.0 9.0
4.0 10.0 0.6 13.0
9.0
4.0 10.0 0.6 13.0 9.0 4.0 10.0 0.6 13.0 9.0 4.0 10.0 0.6
223
0.022
13.0 9.0
4.0 10.0 0.6 13.0
9.0
4.0 10.0 0.6 13.0 9.0 4.0 10.0 0.6 13.0 9.0 6.0 10.0 0.6
333
0.033
13.0 9.0
4.0 10.0 0.6 13.0
9.0
4.0 10.0 0.6 13.0 11.0 5.0 10.0 0.6 18.0 12.0 6.0 15.0 0.8
473
0.047
13.0 9.0
4.0 10.0 0.6 13.0
9.0
4.0 10.0 0.6 13.0 12.0 6.0 10.0 0.6 18.0 12.0 6.0 15.0 0.8
683
0.068
13.0 9.0
4.0 10.0 0.6 13.0
9.0
4.0 10.0 0.6 18.0 12.0 6.0 15.0 0.8 18.0 13.5 7.5 15.0 0.8
104
0.10
13.0 10.0
4.0 10.0 0.6 13.0 12.0
6.0 10.0 0.6 18.0 12.0 6.0 15.0 0.8 18.0 14.5 8.5 15.0 0.8
154
0.15
18.0 10.0
5.0 15.0 0.8 18.0 10.0
5.0 15.0 0.8 18.0 14.5 8.5 15.0 0.8 26.5 16.5 7.0 22.5 0.8
224
0.22
18.0 12.0
6.0 15.0 0.8 18.0 12.0
6.0 15.0 0.8 26.5 16.5 7.0 22.5 0.8 26.5 18.0 10.0 22.5 0.8
334
0.33
18.0 13.5
7.5 15.0 0.8 18.0 13.5
7.5 15.0 0.8 26.5 17.0 8.5 22.5 0.8 32.0 20.0 11.0 27.5 0.8
474
0.47
26.5 16.5
7.0 22.5 0.8 26.5 16.5
7.0 22.5 0.8 26.5 18.0 10.0 22.5 0.8 32.0 20.0 13.0 27.5 0.8
684
0.68
26.5 17.0
8.5 22.5 0.8 26.5 17.0
8.5 22.5 0.8 32.0 20.0 11.0 27.5 0.8
105
1.0
26.5 18.0 10.0 22.5 0.8 26.5 18.0 10.0 22.5 0.8 32.0 20.0 13.0 27.5 0.8
155
1.5
32.0 20.0 11.0 27.5 0.8 32.0 20.0 11.0 27.5 0.8
225
2.2
32.0 22.0 13.0 27.5 0.8 32.0 20.0 13.0 27.5 0.8
DB LECTRO Inc.
3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com