Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC Datasheet(PDF) 1 Page - DB Lectro Inc

Part # MPC
Description  Metallized Polyester Film Capacitor (Axial and Oval)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MPC Datasheet(HTML) 1 Page - DB Lectro Inc

  MPC Datasheet HTML 1Page - DB Lectro Inc MPC Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MPC
Metallized Polyester Film Capacitor (Axial and Oval)
Product
MKP
FEATURE
RC
-Non-inductive construction and self-healong
-High property moisture resistance
MEF
-Super physical and enviromental characteristics
MET
APPLICATION
MEA
-Filter and noise suppression circuit
-Pulse,logic and timing circuit
MEC
-DC-blocking,by-passing and signal coupling in
generl communication's equipment
MEM
TECHNOLOGYº
MPP
DIELECTRIC
Polypropylene film
ELECTRODES
Vacuum evaporated metal or Alluminum foil
MPT
COATING
Encapsulated in reinforced lfame retardant plastic case sealed
LEADS
Axial leads of tinned wire
MPA
REFERENCE
STANDARD
IEC 384-2grade i
CLIMATIC
CATALOGUE
-40°C
+85°C
MPC
CAPACITANCE
VERSUS
RATED
VOLTAGE(UR)
100VDC 0.01µF-6.8µF
250VDC 0.01µF-6.8µF
400VDC 0.01µF-1.5µF
630VDC 0.01µF-1.0µF
PEI
CAPACITANCE
TOLERANCE
M= ±20%
K= ±10%
J= ±5%
DISSIPATION
FACTOR
£¨TANGENT OF
LOSS£©
DF<0.10%
(at 20°C 1KHZ)
PEN
VOLTAGE PROOF
1.4*UR
(1 minute at 20°C)
PPN
INSULATION
RESISTANCE
C¡Ü0.33µF
C<0.10µF
IR>30000M
Ω
C<0.01µF
IR>3000
ΩF
(1minute at 20°C and RH<65%)
PPS
ENDURANCE
1000 hours with 125% of rated voltage at 85°C.After the test:
C/C<5%
DF<0.04%
C<0.10µF,IR>15000
ΩM
C>0.10µF,IR*C>1500
ΩF
(20°C 1KHZ)
MXY
3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714
DB LECTRO Inc.


Similar Part No. - MPC

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
MPC HAMMOND-MPC Datasheet
60Kb / 1P
Plaque de recouvrement a aimant
logo
RUBYCON CORPORATION
MPC RUBYCON-MPC Datasheet
284Kb / 2P
POWER FILM CAPACITORS
logo
API Technologies Corp
MPC APITECH-MPC Datasheet
142Kb / 2P
61-MPC Series
logo
Neutrik AG
MPC NEUTRIK-MPC Datasheet
6Mb / 24P
Circular Connectors
2019/07-V20
logo
TE Connectivity Ltd
MPC TEC-MPC Datasheet
1Mb / 16P
Passive Components
August 2007
More results

Similar Description - MPC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
MPA DBLECTRO-MPA Datasheet
152Kb / 2P
Metallized Polyester Film Capacitor (Axial and Oval)
logo
Vishay Siliconix
MKT1813 VISHAY-MKT1813_08 Datasheet
132Kb / 13P
Metallized Polyester Film Capacitor MKT Axial Type
06-Oct-08
logo
Suntan Capacitors
TS04A SUNTAN-TS04A Datasheet
330Kb / 1P
METALLIZED POLYESTER FILM CAPACITOR - AXIAL
TS04B SUNTAN-TS04B Datasheet
459Kb / 1P
METALLIZED POLYESTER FILM CAPACITOR - AXIAL
logo
Panasonic Semiconductor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
Metallized Polyester Film Capacitor
ECQ-E1106KF PANASONIC-ECQ-E1106KF Datasheet
173Kb / 9P
Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
Metallized Polyester Film Capacitor
ECQ-U2A225ML PANASONIC-ECQ-U2A225ML Datasheet
115Kb / 2P
Metallized Polyester Film Capacitor
logo
Suntan Capacitors
TS04A SUNTAN-TS04A_17 Datasheet
362Kb / 1P
METALLIZED POLYESTER FILM CAPACITOR - AXIAL
TS04B SUNTAN-TS04B_17 Datasheet
468Kb / 1P
METALLIZED POLYESTER FILM CAPACITOR - AXIAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com