Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPP Datasheet(PDF) 1 Page - DB Lectro Inc

Part # MPP
Description  Metallized Polyester Film Capacitor (Coating)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MPP Datasheet(HTML) 1 Page - DB Lectro Inc

  MPP Datasheet HTML 1Page - DB Lectro Inc MPP Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MPP
Metallized Polyester Film Capacitor (Coating)
Product
MKP
FEATURE
RC
-Non-inductive and self-healing
-Low DF and gigh IR
MEF
-High stability of capacitance and DF versus
temperature and frequency
MET
-Very small inherent temperature rise
APPLICATION
MEA
-General resonance circuit
MEC
-Widely used in DC pulse,high frequency and high
current circuit
MEM
TECHNOLOGY
-Providing optimum performance with small size of in
S-shaping correction of Colour TV set
MPP
DIELECTRIC
Polyester film
ELECTRODES
Vacuum evaporated metal
MPT
COATING
Epoxy resin coating
LEADS
Radial leads of tinned wire
MPA
REFERENCE
STANDARD
IEC 384-2grade I
CLIMATIC
CATALOGUE
-40°C
+85°C
MPC
CAPACITANCE
VERSUS
RATED(UR)
250VDC 0.01
µF-3.3µF
400VDC 0.01
µF-1.5µF
630VDC 0.01
µF-0.68µF
PEI
CAPACITANCE
TOLERANCE
M= ±20%
K= ±10%
J= ±5%
DISSIPATION
FACTOR
(TANGENT OF
LOSS)
<0.10% (at 20°C,1KHz)
PEN
VOLTAGE PROOF
1.4*UR
(1minute at 20°C)
PPN
INSULATION
RESISTANCE
C<0.1mF
IR>30000M
Ω
C>0.1µF
IR*C3000
ΩF
(1minute at 20¡æ and RH<65%)
PPS
ENDURANCE
1000 hours with 125% of rated voltage at 85°C.After the test:
C/C<5%
DF<0.04%
C<0.10mF,IR>15000M
Ω C>0.10µF,IR*C>1500ΩF (20°C 1KHz)
MXY
DB LECTRO Inc.
3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-1424 fax:(450)-444-4714


Similar Part No. - MPP

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
MPP FERROXCUBE-MPP Datasheet
62Kb / 4P
Material specification
logo
Illinois Capacitor, Inc...
MPP ILLINOISCAPACITOR-MPP Datasheet
167Kb / 2P
High Ripple Current ??Low ESR ??High Reliability
logo
RFE international
MPP RFE-MPP Datasheet
1Mb / 3P
Metalized Polypropylene Film Capacitors MPP Series: Radial Dipped
SEP-27-2023
logo
PowerData Technologies ...
MPP 2/0 POWERDATATECHNOLOGIES-MPP 2/0 Datasheet
172Kb / 1P
Modular under desk power & data products
MPP 2/2 POWERDATATECHNOLOGIES-MPP 2/2 Datasheet
172Kb / 1P
Modular under desk power & data products
More results

Similar Description - MPP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
Metallized Polyester Film Capacitor
ECQ-E1106KF PANASONIC-ECQ-E1106KF Datasheet
173Kb / 9P
Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
Metallized Polyester Film Capacitor
ECQ-U2A225ML PANASONIC-ECQ-U2A225ML Datasheet
115Kb / 2P
Metallized Polyester Film Capacitor
ECQ-E6104RKF PANASONIC-ECQ-E6104RKF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E6224KF PANASONIC-ECQ-E6224KF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
Metallized Polyester Film Capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com