Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPP Datasheet(PDF) 2 Page - DB Lectro Inc

Part # MPP
Description  Metallized Polyester Film Capacitor (Coating)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MPP Datasheet(HTML) 2 Page - DB Lectro Inc

  MPP Datasheet HTML 1Page - DB Lectro Inc MPP Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MPP
Metallized Polyester Film Capacitor (Coating)
Product
MKPO
OUTLINE DRAWING
RC
MEF
MET
MEA
MEC
MEM
DIMENSION
Unit mm
MPP
CAPACITANCE
100VDC
250VDC
400VDC
630VDC
MPT
symbol
µF
W
H
T
P
d
Φ
W
H
T
P
d
Φ W
H
T
P
d
Φ W
H
T
P
d
Φ
103
0.010 13.0 10.0
6.0
10.0 0.6 13.0 10.0
5.5 10.0 0.6 13.0 10.0 5.5 10.0 0.6 13.0 10.5 6.0 10.0 0.6
MPA
153
0.015 13.0 10.0
6.0
10.0 0.6 13.0 10.0
5.5 10.0 0.6 13.0 10.0 5.5 10.0 0.6 13.0 10.5 6.0 10.0 0.6
223
0.022 13.0 11.0
7.0
10.0 0.6 13.0 10.0
5.5 10.0 0.6 13.0 10.0 5.5 10.0 0.6 13.0 10.5 6.5 10.0 0.6
MPC
333
0.033 13.0 11.0
7.0
10.0 0.6 13.0 10.0
5.5 10.0 0.6 13.0 11.0 6.5 10.0 0.6 13.0 11.5 7.0 10.0 0.6
473
0.047 13.0 11.0
7.0
10.0 0.6 13.0 10.0
5.5 10.0 0.6 13.0 11.5 7.0 10.0 0.6 18.0 10.0 6.0 15.0 0.8
PEI
683
0.068 18.0 12.5
7.0
10.0 0.6 13.0 10.0
5.5 10.0 0.6 13.0 12.5 7.5 10.0 0.6 18.0 12.0 8.0 15.0 0.8
104
0.10
18.0 15.5
7.0
10.0 0.6 13.0 12.0
5.5 10.0 0.6 18.0 11.5 6.5 15.0 0.8 18.0 15.0 9.5 15.0 0.8
PEN
154
0.15
18.0 12.5
7.5
10.0 0.6 13.0 12.5
6.5 10.0 0.6 18.0 14.0 8.0 15.0 0.8 24.0 14.0 9.0 20.0 0.8
224
0.22
18.0 14.5
9.0
10.0 0.6 13.0 13.5
7.5 10.0 0.6 18.0 15.0 9.0 15.0 0.8 24.0 16.5 10.0 20.0 0.8
PPN
334
0.33
24.0 14.5
9.0
10.0 0.6 18.0 14.0
8.0 15.0 0.8 18.0 16.5 10.0 15.0 0.8 31.0 17.5 11.0 27.5 0.8
474
0.47
24.0 14.5 10.0 10.0 0.6 18.8 16.0
9.5 15.0 0.8 24.0 17.5 10.5 20.0 0.8 31.0 22.5 12.5 27.5 0.8
PPS
684
0.68
24.0 17.5 11.5 15.0 0.8 24.0 14.0
9.5 20.0 0.8 31.0 17.5 10.5 27.5 0.8 31.0 23.5 14.0 27.5 0.8
105
1.0
31.0 20.0 11.5 15.0 0.8 24.0 18.0 10.5 20.0 0.8 31.0 21.5 12.0 27.5 0.8 30.0 25.5 15.5 27.5 0.8
MXY
155
1.5
31.0 22.0 13.0 20.0 0.8 31.0 20.0 10.5 27.5 0.8 31.0 24.0 14.0 27.5 0.8 ¡¡
¡¡
¡¡
¡¡
225
2.2
31.0 25.0 15.5 20.0 0.8 31.0 23.0 16.0 27.5 0.8
¡¡
¡¡
¡¡
¡¡
¡¡
¡¡
¡¡
¡¡
¡¡
335
3.3
31.0 27.0 17.0 27.5 0.8 31.0 24.0 16.0 27.5 0.8
¡¡
¡¡
¡¡
¡¡
¡¡
¡¡
¡¡
¡¡
¡¡
DB LECTRO Inc.
3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-1424 fax:(450)-444-4714



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com