Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

222246955152 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 222246955152
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

222246955152 Datasheet(HTML) 5 Page - Vishay Siliconix

  222246955152 Datasheet HTML 1Page - Vishay Siliconix 222246955152 Datasheet HTML 2Page - Vishay Siliconix 222246955152 Datasheet HTML 3Page - Vishay Siliconix 222246955152 Datasheet HTML 4Page - Vishay Siliconix 222246955152 Datasheet HTML 5Page - Vishay Siliconix 222246955152 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 28107
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 29-Aug-03
5
MKT 469
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
Vishay BCcomponents
MAXIMUM RMS VOLTAGE (SINEWAVE) AS A FUNCTION OF FREQUENCY
Tamb ≤ 85 °C, 100 VDC
10
2
10
1
10
0
f (Hz)
10
2
10
3
10
4
10
5
10
6
10
2
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
5
85 °C < Tamb ≤ 105 °C, 100 VDC
27
nF
82
nF
Tamb ≤ 85 °C, 250 VDC
10
3
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
6
10
2
220
nF
10
5
10
3
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
6
10
2
10
5
85 °C < Tamb ≤ 105 °C, 250 VDC
27
nF
82
nF
220
nF
10
nF
56
nF
Tamb ≤ 85 °C, 400 VDC
10
3
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
6
10
2
100
nF
10
5
85 °C < Tamb ≤ 105 °C, 400 VDC
10
3
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
6
10
2
10
5
10
nF
56
nF
100
nF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com