Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

222246955152 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 222246955152
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

222246955152 Datasheet(HTML) 3 Page - Vishay Siliconix

  222246955152 Datasheet HTML 1Page - Vishay Siliconix 222246955152 Datasheet HTML 2Page - Vishay Siliconix 222246955152 Datasheet HTML 3Page - Vishay Siliconix 222246955152 Datasheet HTML 4Page - Vishay Siliconix 222246955152 Datasheet HTML 5Page - Vishay Siliconix 222246955152 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 28107
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 29-Aug-03
3
MKT 469
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
Vishay BCcomponents
URdc = 100 V; URac = 63 V
URdc = 250 V; URac = 160 V
C
(µF)
DIMENSIONS
wmax × h max × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 469 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 4.0 +1.0/−0.5 mm
lt = 22.0 ±4.0 mm
C-tol = ±10%
last 5 digits of
catalog number
SPQ
SPQ
SPQ
Pitch = 10.0 ±0.4 mm; dt = 0.60 ±0.06 mm
0.056
4.0 × 9.3 × 12.5
0.4
25563
2000
1500
1500
0.068
25683
0.082
25823
0.1
25104
0.12
4.3 × 9.7 × 12.5
0.5
25124
2000
1500
1500
0.15
3.9 × 9.2 × 12.5
0.4
25154
2000
1500
1500
0.18
4.2 × 9.5 × 12.5
0.4
25184
2000
1500
1500
0.22
4.5 × 9.9 × 12.5
0.5
25224
2000
1500
1300
0.27
4.2 × 9.5 × 12.5
0.4
25274
2000
1500
1500
0.33
4.6 × 9.9 × 12.5
0.5
25334
2000
1500
1300
0.39
4.0 × 9.3 × 12.5
0.4
25394
2000
1500
1500
0.47
4.2 × 9.5 × 12.5
0.4
25474
2000
1500
1500
0.56
4.6 × 9.9 × 12.5
0.5
25564
2000
1500
1300
0.68
5.0 × 10.3 × 12.5
0.5
25684
1500
1250
1200
0.82
5.5 × 10.8 × 12.5
0.6
25824
1500
1000
1100
1.0
6.0 × 11.3 × 12.5
0.6
25105
1250
1000
1000
C
(µF)
DIMENSIONS
wmax × h max × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 469 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 4.0 +1.0/−0.5 mm
lt = 22.0 ±4.0 mm
C-tol = ±10%
last 5 digits of
catalog number
SPQ
SPQ
SPQ
Pitch = 10.0 ±0.4 mm; dt = 0.60 ±0.06 mm
0.027
4.2 × 9.5 × 12.5
0.4
45273
2000
1500
1500
0.033
4.6 × 9.9 × 12.5
0.5
45333
2000
1500
1300
0.039
4.0 × 9.3 × 12.5
0.4
45393
2000
1500
1500
0.047
4.1 × 9.4 × 12.5
0.4
45473
2000
1500
1500
0.056
4.0 × 9.3 × 12.5
0.4
45563
2000
1500
1500
0.068
4.1 × 9.4 × 12.5
0.4
45683
2000
1500
1500
0.082
4.4 × 9.7 × 12.5
0.5
45823
2000
1500
1500
0.1
4.0 × 9.3 × 12.5
0.4
45104
2000
1500
1500
0.12
4.3 × 9.7 × 12.5
0.5
45124
2000
1500
1500
0.15
4.8 × 10.1 × 12.5
0.5
45154
2000
1250
1300
0.18
5.2 × 10.5 × 12.5
0.5
45184
1500
1000
1200
0.22
5.8 × 11.1 × 12.5
0.6
45224
1500
1000
1100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com