Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPT Datasheet(PDF) 1 Page - DB Lectro Inc

Part # MPT
Description  Metallized Polyester Film Capacitor (Tubular)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MPT Datasheet(HTML) 1 Page - DB Lectro Inc

  MPT Datasheet HTML 1Page - DB Lectro Inc MPT Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MPT
Metallized Polyester Film Capacitor (Tubular)
Product
MKP
FEATURE
RC
-Non-inductive construction and self-healong
-Low DF and high IR
MEF
-High capacitance value available and compact size
MET
APPLICATION
MEA
-Coupling decoupling by-passing and timing circuit
-Automatic control sysem,communication equipment
MEC
-Charging/discharging lighting noise suppression
and frequency modulation
MEM
TECHNOLOGYº
MPP
DIELECTRIC
Polypropylene film
ELECTRODES
Vacuum evaporated metal
MPT
COATING
Out wrapped with Mylar tape and ends sealed with epoxy resin
LEADS
Axial leads of tinned wire
MPA
REFERENCE
STANDARD
IEC 384-16£» GB 10190
CLIMATIC
CATALOGUE
-40°C
+85°C
MPC
CAPACITANCE
VERSUS
RATED
VOLTAGE(UR)
100VDC 0.01µF-10µF
250VDC 0.01µF-10µF
400VDC 0.01µF-2.2µF 630VDC 0.01µF-1.0µF
PEI
CAPACITANCE
TOLERANCE
M= ±20%
K= ±10%
J= ±5%
DISSIPATION
FACTOR
£¨TANGENT OF
LOSS£©
DF<0.10%
(at 20°C 1KHZ)
PEN
VOLTAGE PROOF
1.4*UR
(1 minute at 20°C)
PPN
INSULATION
RESISTANCE
C<0.33µF
<15000M
Ω
IR
C>0.33µF
IR*C>5000
ΩF
(1minute at 20°C and RH<65%)
PPS
ENDURANCE
1000 hours with 125% of rated voltage at 85°C.After the test:
C/C<5%
;
DF<0.04%
C<0.33µF, IR>7500M
Ω C>0.33µF,IR*C>2500MΩ (20°C 1KHZ)
MXY
DB LECRTO Inc.
3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


Similar Part No. - MPT

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
MPT COMPUTAR-MPT Datasheet
1Mb / 2P
MACHINE VISION LENSES 1.4“ 50 MP
logo
Pro-Signal
MPT-001 PROSIGNAL-MPT-001 Datasheet
27Kb / 1P
Piezo Tweeter
logo
Microsemi Corporation
MPT-10 MICROSEMI-MPT-10 Datasheet
89Kb / 2P
TRANSIENT ABSORPTION ZENER
MPT-10C MICROSEMI-MPT-10C Datasheet
89Kb / 2P
TRANSIENT ABSORPTION ZENER
MPT-12 MICROSEMI-MPT-12 Datasheet
89Kb / 2P
TRANSIENT ABSORPTION ZENER
More results

Similar Description - MPT

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
Metallized Polyester Film Capacitor
ECQ-E1106KF PANASONIC-ECQ-E1106KF Datasheet
173Kb / 9P
Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
Metallized Polyester Film Capacitor
ECQ-U2A225ML PANASONIC-ECQ-U2A225ML Datasheet
115Kb / 2P
Metallized Polyester Film Capacitor
ECQ-E6104RKF PANASONIC-ECQ-E6104RKF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E6224KF PANASONIC-ECQ-E6224KF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
Metallized Polyester Film Capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com