Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPT Datasheet(PDF) 2 Page - DB Lectro Inc

Part # MPT
Description  Metallized Polyester Film Capacitor (Tubular)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MPT Datasheet(HTML) 2 Page - DB Lectro Inc

  MPT Datasheet HTML 1Page - DB Lectro Inc MPT Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MPT
Metallized Polyester Film Capacitor (Tubular)
OUTLINE DRAWING
DIMENSION
Unit mm
CAPACITANCE
100VDC
250VDC
400VDC
630VDC
symbol
µF
L
OD
d
Φ
L
OD
d
Φ
L
OD
d
Φ
L
OD
d
Φ
103
0.010
16.0
5.0
0.6
16.0
5.0
0.6
16.0
5.5
0.6
16.0
6.5
0.6
153
0.015
16.0
5.0
0.6
16.0
5.0
0.6
16.0
6.0
0.6
16.0
7.0
0.6
223
0.022
16.0
6.0
0.6
16.0
6.0
0.6
16.0
7.0
0.6
16.0
8.0
0.6
333
0.033
16.0
6.0
0.6
16.0
6.0
0.6
16.0
7.5
0.6
21.0
6.0
0.8
473
0.047
16.0
6.5
0.6
16.0
6.5
0.6
16.0
8.0
0.6
21.0
7.0
0.6
683
0.068
16.0
7.5
0.6
16.0
7.5
0.6
21.0
8.0
0.8
26.0
9.0
0.8
104
0.10
16.0
8.0
0.6
16.0
8.0
0.6
21.0
8.5
0.8
26.0
11.0
0.8
154
0.15
16.0
9.0
0.6
16.0
9.0
0.6
21.0
10.0
0.8
26.0
14.0
0.8
224
0.22
21.0
9.0
0.8
21.0
9.0
0.8
21.0
11.5
0.8
32.0
14.0
0.8
334
0.33
21.0
9.5
0.8
21.0
9.5
0.8
26.0
11.5
0.8
32.0
16.0
0.8
474
0.47
21.0
11.0
0.8
21.0
11.0
0.8
26.0
14.0
0.8
32.0
18.0
0.8
684
0.68
26.0
11.0
0.8
26.0
12.0
0.8
32.0
17.0
0.8
32.0
20.0
0.8
105
1.0
26.0
13.0
0.8
26.0
12.0
0.8
32.0
19.0
0.8
32.0
24.0
0.8
155
1.5
26.0
14.5
0.8
26.0
14.5
0.8
32.0
21.0
0.8
225
2.2
32.0
15.0
0.8
32.0
15.0
0.8
36.0
22.0
0.8
335
3.3
32.0
18.0
0.8
32.0
18.0
0.8
475
4.7
32.0
22.0
0.8
32.0
22.0
0.8
685
6.8
32.0
25.0
0.8
36.0
25.0
0.8
106
10
46.0
24.0
0.8
46.0
24.0
0.8
3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714
DB LECRTO Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com