Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTERPOSER Datasheet(PDF) 1 Page - C&K Components

Part # INTERPOSER
Description  Solderless Contacts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

INTERPOSER Datasheet(HTML) 1 Page - C&K Components

  INTERPOSER Datasheet HTML 1Page - C&K Components INTERPOSER Datasheet HTML 2Page - C&K Components INTERPOSER Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
INTERPOSER
Solderless Contacts
CS FR051
Features and Benefits
• Compliant to CS-FR051 C&K Specification
• Starclip Contacts Technology
• Spring Loaded Contacts
• Non-Outgassing
Typical Applications
• Space equipment
• Satellites payloads
• Avionics / Military
Specification
• High performance Solderless interposers according to CS-
FR051 C&K Speciiication for space applications.
• Compatible with ESCC 3401 specification.
• Suitable for use in Space, and high performance military/
aerospace applications: Board to Board or Board to Cable
applications.
• Starclip female contact technology.
Quality Level
• Compliant to CS FR051 C&K specification.
• According to ESA/ESCC code 3401.
Process to use it
PCB recommendation:
• 2µm min Pad gold thickness.
• PCB design and thickness to be defiine with customer
according to pressure apply by spring contacts.
The assembly process to safe the good positioning between
interposer and the PCB layout is managed by customer.
Options
• Possibility to customize the interposer to be in line with
your demand (Example: Sealing ring cavity, bracket, thread,
wiring…).
• Get closer to your representative for custom design request.
Packaging
• Individual packaging.
• Traceability associated as per ESA/ESCC specifications.
• Interposers could be sold and delivered with a antistatic dust
cap in individual plastic bag.
CHARACTERISTIC
SPECIFICATION
Working Voltage (sea level) 100/200 Vrms
Rated Current
1.5 A
Contact Resistance
25 mΩ (rated current)
Insulation Resistance
5000 MΩ min
Voltage Proof
400/800 Vrms /1.0mA (leakage current)
Temperature range
-55/+125 °C
www.ckswitches.com
Electrical & Mechanical Characteristics
Typical initial force: 0.35N min per contact.
Full stroke force : 2±0.3N per contact.


Similar Part No. - INTERPOSER

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
INTERPOSERPOP AMKOR-INTERPOSERPOP Datasheet
1Mb / 4P
Interposer Package-on-Package
02/22
More results

Similar Description - INTERPOSER

ManufacturerPart #DatasheetDescription
logo
Vincotech
80-M006PNB006SA-K614C VINCOTECH-80-M006PNB006SA-K614C Datasheet
313Kb / 17P
Solderless interconnection
80-M006PNB010SA-K615C VINCOTECH-80-M006PNB010SA-K615C Datasheet
311Kb / 17P
Solderless interconnection
80-M012PNB008SC-K619C41 VINCOTECH-80-M012PNB008SC-K619C41 Datasheet
314Kb / 17P
Solderless interconnection
V23990-K220-A40-P1-14 VINCOTECH-V23990-K220-A40-P1-14 Datasheet
511Kb / 22P
Solderless interconnection
V23990-K229-A41-D3-14 VINCOTECH-V23990-K229-A41-D3-14 Datasheet
393Kb / 22P
Solderless interconnection
V23990-K420-A40-P1-14 VINCOTECH-V23990-K420-A40-P1-14 Datasheet
458Kb / 22P
Solderless interconnection
80-M006PNB006SA-K614 VINCOTECH-80-M006PNB006SA-K614_16 Datasheet
945Kb / 17P
Solderless interconnection
80-M006PNB010SA-K615 VINCOTECH-80-M006PNB010SA-K615 Datasheet
939Kb / 17P
Solderless interconnection
V23990-K420-A40-PM VINCOTECH-V23990-K420-A40-PM Datasheet
1Mb / 18P
Solderless interconnection
80-M3126BA140SC02-K489G40 VINCOTECH-80-M3126BA140SC02-K489G40 Datasheet
1Mb / 21P
Solderless interconnection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com