Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTERPOSER Datasheet(PDF) 2 Page - C&K Components

Part # INTERPOSER
Description  Solderless Contacts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

INTERPOSER Datasheet(HTML) 2 Page - C&K Components

  INTERPOSER Datasheet HTML 1Page - C&K Components INTERPOSER Datasheet HTML 2Page - C&K Components INTERPOSER Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
MAIN FEATURES
MATERIALS & FINISHES
Our easy build-a-interposer concept allows you to mix and match options to create the Interposer you need.
Dimensions shown in: mm
Specifications and dimensions subject to change
www.ckswitches.com
COMPONENT
MATERIAL
FINISH
Insulator
Proposal: Liquid Crystal Polymer
UL 94-V0, Glass-filled, Black Color
Female Contacts
Sleeve: Copper Alloy
Clips: Berylium Copper Alloy
1.27 µm Gold over Nickel underlay
Male Contacts
Copper Alloy
1.27 µm Gold over Nickel underlay
Spring
Stainless Steel
Not Applicable
Closing Ring
Bronze
2.5 µm Nickel
Shell (Option)
Aluminium alloy
25.4 µm electroless Nickel
or 0.70 µm Gold over 25.4 µm electroless Nickel
Dust Cap
Polyethylene
Black color, antistatic
Dust Cap
Guiding Device
Integrated Insulator
Guiding Device
Locking Device
Spring Load Contact
Insert
Custom Insulator
Fixing Hole



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com