Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIMB-R430P-03A2E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AIMB-R430P-03A2E
Description  LGA1151 8th/9th Generation Intel® Core™ i7/i5/i3 & Pentium®/Celeron ON® ATX with Triple Display, DDR4, USB 3.1, SATA 3.0
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-R430P-03A2E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AIMB-R430P-03A2E Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-R430P-03A2E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
AIMB-786
Ordering Information
Part Number
Chipset
Memory
Display
USB 3.1
Gen 2
USB 3.1
Gen 1
USB
2.0
COM
GbE
LAN
AMT
SATA 3.0
SW RAID
AIMB-786G2-00A3
Q370
Non-ECC DDR4
2400/2666 up to 128 GB
VGA + DVI-D + DP
2
4
7
6
2
Yes
5
Yes
AIMB-786G2-00A3U
(Made in Taiwan)
Q370
Non-ECC DDR4
2400/2666 up to 128 GB
VGA + DVI-D + DP
2
4
7
6
2
Yes
5
Yes
Packing List
Part Number
Description
Quantity
1700003194
SATA HDD cable
x 2
1700022749-11/
1700022749-12/
1700022749-13
SATA power cable
x 2
1960086615T001
I/O port bracket
x 1
2001078612
Startup manual
x 1
Note: Driver CD is not provided. Please visit Advantech support website for driver download.
I/O View
Optional Accessories
Part Number
Description
1700002204
2-port USB 2.0 cable w/ BKT(27 cm)
1700028292-01
2-port USB 3.0 cable w/ BKT(30 cm)
1960047669N001
CPU cooler for 2U/4U and wallmount chassis
1701092300
Dual COM port cable(28.5 cm)
1700019268-11
1960063434N000
PS/2 KB/Mouse cable
IO bracket for PS/2 KB/Mouse cable
PCA-TPM-00B1E
dTPM 2.0 LPC module to enable TPM and vPro technologies
Note: Purchasing AIMB-786's proprietary CPU cooler from Advantech is a must. Other brands' CPU
coolers are NOT compatible with AIMB-786.
Riser Card
Part Number
Description
AIMB-R430P-03A2E
2U riser card with 3 PCI expansion
AIMB-R431F-21A1E
2U riser card with 1 PCIex16 & 1 PCIex1 expansion
AIMB-R43PF-21A1E
2U riser card with 1 PCIex16 & 2 PCI expansion
AIMB-R4301-03A1E
2U riser card with 1 PCIex1 expansion
Note: AIMB-786 is not compatible with 1U chassis.
DVI-D
DVI
Level Shifter
DDI
DisplayPort++
DDI
DisplayPort
(Header)
DDI
VGA
VGA
Line Out,
Mic In
Chrontel CH7517A-BF
eDP
LGA1151 8th/9th
Gen
Intel Core
Processor
256 Mbit SPI BIOS
Intel Q370 PCH
DDR4 2400/2666
DDR4 2400/2666
Channel A
DDR4 2400/2666
DDR4 2400/2666
PCIe x16 Slot
LAN1: Intel I219-LM (PHY)
Channel B
PCIe x16 Gen 3.0
GbE
ITE IT8896
PCIe to PCI Bridge
PCIex1
Super I/O
Nuvoton NCT6776D
2nd Super I/O
Nuvoton NCT5114D
LPC Conn.
LPC
2 PCI Slot
3 RS-232 (Header)
RS-232 (Rear)
RS-232 (Header)
PS/2 KB, MS
H/W Monitor
Watch Dog Timer
Case Open
8 bit GPIO
RS-232/422/485
(Header)
PCI 33/66 MHz
LAN2: Intel I210-AT (NIC)
PCIex1
4 PCIe x4 Slot
4 PCIe x4 Gen 3.0
5 SATA 3.0
SATA 3.0 600MB/s
with S/W RAID
Realtek ALC888S/
ALC892-CG
Audio Codec
HD Audio
USB 3.1 Gen 2 10 Gbps
USB 3.1 Gen 2
2 USB 3.1 Gen 1 (Rear)
2 USB 3.1 Gen 1 (Header)
2 USB 3.1 Gen 2
(Rear)
USB 3.1 Gen 2
Redriver
USB 3.1 Gen 1 5 Gbps
4 USB 2.0 (Rear)
2 USB 2.0 (Header)
1 USB 2.0 (Internal Type-A)
USB 2.0 480 Mbps
AIMB-786G2-00A3
AIMB-786G2-00A3U



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com