Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIMB-R430P-03A2E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AIMB-R430P-03A2E
Description  LGA1151 8th/9th Generation Intel® Core™ i7/i5/i3 & Pentium®/Celeron ON® ATX with Triple Display, DDR4, USB 3.1, SATA 3.0
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-R430P-03A2E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AIMB-R430P-03A2E Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-R430P-03A2E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Motherboards
Features
AIMB-786
Specifications
Processor
System
CPU
i7-9700E i7-9700TE i7-8700 i7-8700T i5-9500E i5-9500TE i5-8500 i5-8500T i3-9100E i3-9100TE i3-8100 i3-8100T G5400
G5400T G4900
G4900T
Speed
2.6GHz
1.8 GHz
3.2 GHz 2.4 GHz
3.0 GHz
2.2 GHz
3.0 GHz 2.1 GHz
3.1 GHz
2.2 GHz
3.6 GHz 3.1 GHz
3.7 GHz 3.1 GHz 3.1 GHz 2.9 GHz
L3 Cache
12 MB
12 MB
12 MB
12 MB
9 MB
9 MB
9 MB
9 MB
6 MB
6 MB
6 MB
6 MB
4 MB
4 MB
2 MB
2 MB
Cores
8
8
6
6
6
6
6
6
4
4
4
4
2
2
2
2
TDP
65 W
35 W
65 W
35 W
65 W
35 W
65 W
35 W
65 W
35 W
65 W
35 W
58 W
35 W
54 W
35 W
Socket
LGA1151
Chipset
Q370
BIOS
AMI 256 Mbit SPI
Expansion Slot
PCI
2 (32-bit/33 MHz)
PCIe x4 (Gen 3)
4
PCIe x16 (Gen 3)
1
Memory
Technology
Dual Channel Non-ECC UDIMM DDR4 2400/2666
Max. Capacity
128 GB
Socket
4 (288-pin DIMM)
Graphics
Controller
Intel HD Graphics
VRAM
1 GB maximum shared memory with 2 GB and above system memory installed
Ethernet
Interface
10/100/1000 Mbps
Controller
GbE LAN1: Intel I219-LM, GbE LAN2: Intel I210-AT
Connector
2 (RJ-45)
SATA
Max Data Transfer
Rate
600 MB/s
Channel
5
RAID
0,1,5,10
Rear I/O
VGA
1 (Resolution up to 1920 x 1200 @ 60 Hz)
DVI-D
1 (Resolution up to 1920 x 1200 @ 60 Hz)
DisplayPort
1 (Resolution up to 4096 x 2304 @ 60 Hz)
Ethernet
2
USB
8 (2 x USB 3.1 Gen 2, 2 x USB 3.1 Gen 1, 4 x USB 2.0)
Audio
2 (Line-out, Mic-in)
Serial
1 (RS-232)
PS/2
-
Internal
Connectors
USB
5 (2 x USB 3.1 Gen 1 via header, 2 x USB 2.0 via header, 1 x USB 2.0 Type-A connector)
Serial
5 (4 x RS-232, 1 x RS-232/422/485)
SATA
5
DisplayPort
1
LPC
1 (Optional dTPM 2.0 module available)
GPIO
8-bit
PS/2 KB/Mouse
1 (Optional PS/2 KB/Mouse Cable is required)
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec
Power
Requirement
Power On
Intel Core i7-8700 3.2 GHz; DDR4 2400 16 GB x 4
Voltage
+12V
+5V
+3.3V
+5Vsb
-12V
-5V
Current
3.77A
1.77A
2.8A
0.1A
0.04A
0.06A
Environment
Operating
Non-Operating
Temperature
0 ~ 60 °C (32 ~ 140 °F), depends on CPU speed and system thermal solution
-40 ~ 85 °C (-40 ~ 185 °F)
Humidity
40 °C @ 95% RH Non-condensing
60 °C @ 95% RH Non-condensing
Physical
Characteristics
Dimensions (L x H)
304.8 x 244 mm (12" x 9.6")
DDR4 2400/2666
USB 3.1 Gen 1
5 SATA 3.0
RS-232/422/485
RS-232
USB Type-A
PCI
PCIe x16
PCIe x4
USB 2.0
Audio
COM + DP
4 USB 2.0
VGA + DVI-D
Intel LGA1151
Core i7/i5/i3
Intel Q370 PCH
LAN + USB 3.1 Gen 1
LAN + USB 3.1 Gen 2
LGA1151 8th/9th Generation
Intel® Core™ i7/i5/i3 & Pentium®/Celer-
on® ATX with Triple Display, DDR4, USB
3.1, SATA 3.0
ƒ
Intel® 8th/9th generation Core™ i7/i5/i3 & Pentium®/Celeron® processor with
Q370 chipset
ƒ
Four DIMM sockets up to 128 GB DDR4 2400/2666
ƒ
Triple display VGA/DVI-D/DP and dual GbE LAN
ƒ
SATA RAID 0, 1, 5, 10, USB 3.1
ƒ
Supports Intel vPro, AMT & TPM technologies
Note 1: dTPM 2.0 module is required to enable Intel vPro and TPM technologies.
Note 2: Intel® Platform Trust Technology (Intel® PTT) ready for Windows 11.
All product specifications are subject to change without notice.
Last updated: 3-Jan-2023


Similar Part No. - AIMB-R430P-03A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-R430P-03A2E ADVANTECH-AIMB-R430P-03A2E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-R430P-03A2E ADVANTECH-AIMB-R430P-03A2E Datasheet
892Kb / 2P
Riser Cards & Add on Cards
30-Aug-2017
AIMB-R430P-03A2E ADVANTECH-AIMB-R430P-03A2E Datasheet
597Kb / 2P
LGA1151 6th/7th Generation Intel® Core™ i7/i5/i3/Pentium®/Celeron® ATX with Triple Display, DDR4, SATA III
3-Jan-2023
AIMB-R430P-03A2E ADVANTECH-AIMB-R430P-03A2E Datasheet
644Kb / 2P
LGA1200 10th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with DP/DVI/VGA, DDR4, USB 3.2, M.2
4-Jan-2023
AIMB-R430P-03A2E ADVANTECH-AIMB-R430P-03A2E Datasheet
593Kb / 2P
LGA1700 12th Generation Intel® Core™ i9/i7/i5/i3 ATX Motherboard with DP/HDMI/VGA, DDR4, USB 3.2, M.2
3-Jan-2023
More results

Similar Description - AIMB-R430P-03A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-705 ADVANTECH-AIMB-705 Datasheet
680Kb / 2P
LGA1151 6th/7th Generation Intel® Core™ i7/i5/i3/Pentium®/Celeron® ATX with DVI/ VGA, DDR4, SATA III, USB 3.0 & 6 COMs
3-Jan-2023
AIMB-706 ADVANTECH-AIMB-706 Datasheet
594Kb / 2P
LGA1151 8th/9th Generation Intel® Core™ i7/i5/i3 & Pentium®/Celeron® ATX with DVI/VGA, DDR4, SATA 3.0, USB 3.1 & 6 COMs
3-Jan-2023
AIMB-785 ADVANTECH-AIMB-785 Datasheet
597Kb / 2P
LGA1151 6th/7th Generation Intel® Core™ i7/i5/i3/Pentium®/Celeron® ATX with Triple Display, DDR4, SATA III
3-Jan-2023
AIMB-787 ADVANTECH-AIMB-787 Datasheet
644Kb / 2P
LGA1200 10th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with DP/DVI/VGA, DDR4, USB 3.2, M.2
4-Jan-2023
PCE-5031 ADVANTECH-PCE-5031 Datasheet
357Kb / 2P
LGA1151 8th and 9th Generation Intel® Core™ i7/i5/i3/Pentium/Celeron System Host Board with DDR4, SATA 3.0, USB 3.1, Dual GbE, and Dual Displays
20-Oct-2022
PCE-5131 ADVANTECH-PCE-5131 Datasheet
565Kb / 2P
LGA1151 8th and 9th Generation Intel® Core™ i7/i5/i3/Pentium/Celeron System Host Board with DDR4, SATA 3.0, USB 3.1, M.2, Dual GbE, and Triple Displays
21-Apr-2022
PCE-7129 ADVANTECH-PCE-7129 Datasheet
601Kb / 2P
LGA1151 6th and 7th Generation Intel® Xeon®/Core™ i7/i5/i3/Pentium® LGA1151 System Host Board with DDR4, SATA 3.0, USB 3.0, M.2, Dual GbE, and Triple Displays
21-Apr-2022
PCE-7131 ADVANTECH-PCE-7131 Datasheet
565Kb / 2P
LGA1151 8th and 9th Generation Intel® Xeon® E/Core™ i7/i5/i3/Pentium® LGA1151 System Host Board with DDR4, SATA 3.0, USB 3.1, M.2, Dual GbE, and Triple Displays
21-Apr-2022
logo
AAEON Technology
PCM-CFS AAEON-PCM-CFS Datasheet
483Kb / 2P
Compact Board with 8th/9th Generation Intel® Core™ i7/i5/i3 and Celeron® Processor (socket type)
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com