Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIMB-R430P-03A2E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AIMB-R430P-03A2E
Description  LGA1151 6th/7th Generation Intel® Core™ i7/i5/i3/Pentium®/Celeron® ATX with Triple Display, DDR4, SATA III
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-R430P-03A2E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AIMB-R430P-03A2E Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-R430P-03A2E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
AIMB-785
Ordering Information
Part Number
Chipset
Memory
Display
USB 3.0
USB 2.0
COM
GbE LAN
AMT
SATA III
SW RAID
AIMB-785G2-00A3
Q170
Non-ECC DDR4 1866/2133 up to 64GB
VGA + dual DVI
6
7
6
2
Yes
6
Yes
AIMB-785G2-00A3U (Made in Taiwan)
Q170
Non-ECC DDR4 1866/2133 up to 64GB
VGA + dual DVI
6
7
6
2
Yes
6
Yes
Note: SATA0 and SATA1(red SATA ports) don't support RAID function.
Packing List
Part Number
Description
Quantity
1700003194
SATA HDD cable
x 2
1700022749-11/
1700022749-12/
1700022749-13/
SATA power cable
x 2
19Z0000884T000
I/O port bracket
x 1
2006078512
Startup manual
x 1
2066078502
Driver CD
x 1
I/O View
Optional Accessories
Part Number
Description
1700002204
2-port USB 2.0 cable w/ BKT(27 cm)
1700028292-01
2-port USB 3.0 cable w/ BKT(30 cm)
1960052651N021
CPU cooler for 2U, 4U and wallmount chassis
1960049408N001
CPU heatsink for 1U chassis (for CPU TDP=35W only)
1960069666N101
IO bracket for 1U chassis ACP-1010MB only
1701092300
Dual COM port cable(28.5 cm)
1700019268-11
1960063434N000
PS/2 KB/Mouse cable
IO bracket for PS/2 KB/Mouse cable
PCA-TPM-00B1E
dTPM 2.0 LPC module to enable TPM and vPro technologies
Note: Purchasing AIMB-785's proprietary CPU cooler from Advantech is a must. Other brands' CPU
coolers are NOT compatible with AIMB-785.
Riser Card
Part Number
Description
AIMB-RF10F-01A1E
1U riser card with 1 PCIex16 expansion
AIMB-R4104-01A1E
1U riser card with 1 PCIex4 expansion
AIMB-R430P-03A2E
2U riser card with 3 PCI expansion
AIMB-R431F-21A1E
2U riser card with 1 PCIex16 & 1 PCIex1 expansion
AIMB-R43PF-21A1E
2U riser card with 1 PCIex16 & 2 PCI expansion
AIMB-R4301-03A2E
2U riser card with 1 PCIex1 expansion
AIMB-785G2-00A3
AIMB-785G2-00A3U
LGA1151 6th/7th
Gen Intel Core
Processor
Intel Q170 PCH
DVI-D
DDR4 1866/2133 16GB
DDR4 1866/2133 16GB
Level shifter
Channel A
DDR4 1866/2133 16GB
DDR4 1866/2133 16GB
Channel B
1 PCIex16 slot
PCIex16 Gen3
LAN1: I219-LM
LAN2: I210-AT
3 PCIex4 slots
LPC Conn.
3 PCIex4 Gen3
GbE
PCIex1
2nd Super
IO Fintek
F81216AD
NuvoTon
NCT6776D
LPC
ITE IT8896
3 PCI slots
1 RS-232/422/485
3 RS-232
2 RS-232
8 bit GPIO
H/W Monitor
PS/2 KB, MS
Watch Dog Timer
Case Open
4 SATA III
SATA III 600MB/s
With SW RAID
2 SATA III
SATA III 600 MB/s
Via Marvell 9186A2
6 USB III
DVI-D
Level shifter
USB3.0 5Gbps
1 USB Type A
USB2.0 480Mbps
6 USB II
Line Out, Mic-In
USB2.0 480Mbps
Realtek ALC888S/
ALC892-CG
Audio Codec
HD Audio interface
128 Mbit
BIOS Flash
SPI
VGA
PCIex1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com