Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIMB-R430P-03A2E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AIMB-R430P-03A2E
Description  LGA1151 6th/7th Generation Intel® Core™ i7/i5/i3/Pentium®/Celeron® ATX with Triple Display, DDR4, SATA III
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-R430P-03A2E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AIMB-R430P-03A2E Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-R430P-03A2E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Motherboards
Features
AIMB-785
LGA1151 6th/7th Generation Intel®
Core™ i7/i5/i3/Pentium®/Celeron® ATX
with Triple Display, DDR4, SATA III
ƒ
Supports Intel® 6th/7th generation Core™ i7/i5/i3/Pentium®/Celeron®
processor with Q170 chipset
ƒ
Four DIMM sockets support up to 64 GB DDR4 1866/2133
ƒ
Supports triple display VGA/2 DVI-D and dual GbE LAN
ƒ
Supports SATA RAID 0, 1, 5, 10, USB 3.0
ƒ
Supports Intel vPro, AMT 11.0 & TPM technologies
Note 1: dTPM 2.0 module is required to enable Intel vPro and TPM technologies.
Note 2: Only Intel 6th generation processor can support Windows 7.
Specifications
Processor System
CPU
i7-7700 i7-7700T i7-6700 i7-6700TE i5-7500 i5-7500T i5-6500 i5-6500TE i3-7101E i3-7101TE i3-6100 i3-6100TE G4400
G4400TE G3900
G3900TE
Speed
3.6GHz 2.9GHz
3.4GHz 2.4GHz
3.4GHz 2.7GHz
3.2GHz 2.3GHz
3.9GHz
3.4GHz
3.7GHz 2.7GHz
3.3GHz 2.9GHz
2.8GHz 2.6GHz
L3 Cache
8MB
8MB
8MB
8MB
6MB
6MB
6MB
6MB
3MB
3MB
4MB
4MB
3MB
3MB
2MB
2MB
Cores
4
4
4
4
4
4
4
4
2
2
2
2
2
2
2
2
TDP
65 W
35 W
65 W
35 W
65 W
35 W
65 W
35 W
54 W
35 W
65 W
35 W
65 W
35 W
65 W
35 W
Socket
LGA1151
Chipset
Q170
BIOS
AMI 128 Mbit SPI
Expansion Slot
PCI
32-bit/33 MHz, 3 slots
PCIe x 4 (Gen3)
4 GB/s per direction, 3 slots
PCIe x16 (Gen3)
16 GB/s per direction, 1 slot
Memory
Technology
Dual Channel Non-ECC UDIMM DDR4 1866/2133
Max. Capacity
64 GB
Socket
4 (288-pin DIMM)
Graphics
Controller
Intel HD Graphics
VRAM
1 GB maximum shared memory with 2 GB and above system memory installed
Ethernet
Interface
10/100/1000 Mbps
Controller
GbE LAN1: Intel I219LM, GbE LAN2: Intel I210-AT
Connector
2 (RJ-45)
SATA
Max Data
Transfer Rate
600 MB/s
Channel
6 (4 from Intel® Q170 and 2 from Marvell 9186A2)
RAID
0,1,5,10 (4 SATAIII ports from Intel®)
Rear I/O
VGA
1 (Up to 1920x1200@60Hz)
DVI-D
2 (Up to 1920x1200@60Hz)
Ethernet
2
USB
6 (USB3.0 x 4, USB2.0 x 2)
Audio
2 (Mic-in, Line-out)
Serial
1 (RS-232)
Internal Connectors
USB
7 (USB 3.0 with wafer box x 2, USB 2.0 with wafer box x 4, USB 2.0 with type A connector x 1)
Serial
5 (4 x RS-232, 1 x RS-232/422/485)
SATA
6
LPC
1 (Optional dTPM 2.0 module available)
GPIO
8-bit
PS/2 KB/Mouse
1 (Optional PS/2 KB/Mouse Cable is required)
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec
Power Requirement
Power On
Intel Core i7-6700 3.4GHz; DDR4 2133 8GB x 4
Voltage
+12V
+5V
+3.3V
+5Vsb
-12V
-5V
Current
6.78A
1.38A
1.35A
0.12A
0.05A
0.05A
Environment
Operating
Non-Operating
Temperature
0 ~ 60 °C (32 ~ 140 °F), depends on CPU speed and system thermal solution
-40 ~ 85 °C (-40 ~ 185 °F)
Physical Characteristics Dimensions
(L x H)
304.8 x 244 mm (12" x 9.6")
DDR4 1866/2133 MHz
USB 3.0
6 SATA III
RS-232/422/485
RS-232
Type A USB
3 PCI
3 PCIex4
USB 2.0
1 PCIex16
AUDIO
2 USB 2.0
2 LAN
4 USB 3.0
1 COM
1 VGA
2 DVI
Intel LGA 1151
Core i7/i5/i3
Intel Q170
All product specifications are subject to change without notice.
Last updated: 3-Jan-2023


Similar Part No. - AIMB-R430P-03A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-R430P-03A2E ADVANTECH-AIMB-R430P-03A2E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-R430P-03A2E ADVANTECH-AIMB-R430P-03A2E Datasheet
892Kb / 2P
Riser Cards & Add on Cards
30-Aug-2017
AIMB-R430P-03A2E ADVANTECH-AIMB-R430P-03A2E Datasheet
590Kb / 2P
LGA1151 8th/9th Generation Intel® Core™ i7/i5/i3 & Pentium®/Celeron ON® ATX with Triple Display, DDR4, USB 3.1, SATA 3.0
3-Jan-2023
AIMB-R430P-03A2E ADVANTECH-AIMB-R430P-03A2E Datasheet
644Kb / 2P
LGA1200 10th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with DP/DVI/VGA, DDR4, USB 3.2, M.2
4-Jan-2023
AIMB-R430P-03A2E ADVANTECH-AIMB-R430P-03A2E Datasheet
593Kb / 2P
LGA1700 12th Generation Intel® Core™ i9/i7/i5/i3 ATX Motherboard with DP/HDMI/VGA, DDR4, USB 3.2, M.2
3-Jan-2023
More results

Similar Description - AIMB-R430P-03A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-705 ADVANTECH-AIMB-705 Datasheet
680Kb / 2P
LGA1151 6th/7th Generation Intel® Core™ i7/i5/i3/Pentium®/Celeron® ATX with DVI/ VGA, DDR4, SATA III, USB 3.0 & 6 COMs
3-Jan-2023
AIMB-706 ADVANTECH-AIMB-706 Datasheet
594Kb / 2P
LGA1151 8th/9th Generation Intel® Core™ i7/i5/i3 & Pentium®/Celeron® ATX with DVI/VGA, DDR4, SATA 3.0, USB 3.1 & 6 COMs
3-Jan-2023
AIMB-707 ADVANTECH-AIMB-707 Datasheet
715Kb / 2P
LGA1200 10th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with DVI/VGA, DDR4, USB 3.2, M.2, 6 COMs
4-Jan-2023
AIMB-708 ADVANTECH-AIMB-708 Datasheet
644Kb / 2P
LGA1700 12th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with HDMI/VGA, DDR4, USB 3.2, M.2, 6 COMs
3-Jan-2023
AIMB-786 ADVANTECH-AIMB-786 Datasheet
590Kb / 2P
LGA1151 8th/9th Generation Intel® Core™ i7/i5/i3 & Pentium®/Celeron ON® ATX with Triple Display, DDR4, USB 3.1, SATA 3.0
3-Jan-2023
AIMB-787 ADVANTECH-AIMB-787 Datasheet
644Kb / 2P
LGA1200 10th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with DP/DVI/VGA, DDR4, USB 3.2, M.2
4-Jan-2023
PCE-5029 ADVANTECH-PCE-5029 Datasheet
442Kb / 2P
LGA1151 6th and 7th Generation Intel® Core™ i7/i5/i3/Pentium/Celeron System Host Board with DDR4, SATA 3.0, USB 3.0, Dual GbE, and Dual Displays
20-Oct-2022
PCE-7129 ADVANTECH-PCE-7129 Datasheet
601Kb / 2P
LGA1151 6th and 7th Generation Intel® Xeon®/Core™ i7/i5/i3/Pentium® LGA1151 System Host Board with DDR4, SATA 3.0, USB 3.0, M.2, Dual GbE, and Triple Displays
21-Apr-2022
logo
AAEON Technology
GENE-CML5 AAEON-GENE-CML5 Datasheet
447Kb / 2P
3.5” SubCompact Board with 10th Generation Intel® Core™ i7/i5/i3/Pentium®/Celeron® Processor
2022/10/25
logo
Advantech Co., Ltd.
PWS-872 ADVANTECH-PWS-872 Datasheet
2Mb / 8P
10" Industrial-Grade Tablet with 7th Generation Intel® Core™ i3/i5/i7/ Celeron® Processor
17-Oct-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com