Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V2T132 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V2T132
Description  DUAL 2-INPUT SHMITT TRIGGER NAND GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2T132 Datasheet(HTML) 1 Page - STMicroelectronics

  74V2T132 Datasheet HTML 1Page - STMicroelectronics 74V2T132 Datasheet HTML 2Page - STMicroelectronics 74V2T132 Datasheet HTML 3Page - STMicroelectronics 74V2T132 Datasheet HTML 4Page - STMicroelectronics 74V2T132 Datasheet HTML 5Page - STMicroelectronics 74V2T132 Datasheet HTML 6Page - STMicroelectronics 74V2T132 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
June 2003
s
HIGH SPEED: tPD = 3.7 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =1 µA (MAX.) at TA =25°C
s
TYPICAL HYSTERESIS: 0.8V at VCC =4.5V
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 4.5V to 5.5V
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74V2T132 is an advanced high-speed CMOS
SINGLE 2-INPUT NAND GATE fabricated with
sub-micron silicon gate and double-layer metal
wiring C2MOS technology.
Pin configuration and function are the same as
those of the 74V2T00 but the 74V2T132 has
hysteresis.
The internal circuit is composed of 3 stages
including buffer output, which provide high noise
immunity and stable output.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
74V2T132
DUAL 2-INPUT SHMITT TRIGGER NAND GATE
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
T & R
SOT23-8L
74V2T132STR
SOT23-8L


Similar Part No. - 74V2T132

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V2T125 STMICROELECTRONICS-74V2T125 Datasheet
221Kb / 10P
DUAL BUS BUFFER (3-STATE)
Dec-2001
74V2T125CTR STMICROELECTRONICS-74V2T125CTR Datasheet
221Kb / 10P
DUAL BUS BUFFER (3-STATE)
Dec-2001
74V2T125STR STMICROELECTRONICS-74V2T125STR Datasheet
221Kb / 10P
DUAL BUS BUFFER (3-STATE)
Dec-2001
74V2T125STR STMICROELECTRONICS-74V2T125STR Datasheet
155Kb / 8P
DUAL BUS BUFFER (3-STATE)
Jun-2003
74V2T125 STMICROELECTRONICS-74V2T125_03 Datasheet
155Kb / 8P
DUAL BUS BUFFER (3-STATE)
Jun-2003
More results

Similar Description - 74V2T132

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS132 MOTOROLA-SN54LS132 Datasheet
158Kb / 5P
QUAD 2-INPUT SCHMITT TRIGGER NAND GATE
logo
Toshiba Semiconductor
TC7WH00FU TOSHIBA-TC7WH00FU Datasheet
195Kb / 6P
DUAL 2-INPUT NAND GATE
logo
Texas Instruments
SN74LVC2G132 TI-SN74LVC2G132 Datasheet
241Kb / 13P
DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
National Semiconductor ...
DM74S132 NSC-DM74S132 Datasheet
56Kb / 3P
Quad 2-Input Schmitt Trigger NAND Gate
logo
STMicroelectronics
74V2G132 STMICROELECTRONICS-74V2G132 Datasheet
204Kb / 9P
DUAL 2-INPUT SHMITT TRIGGER NAND GATE
Nov-2001
logo
Texas Instruments
SN74LVC2G132 TI-SN74LVC2G132_07 Datasheet
426Kb / 14P
DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132 Datasheet
181Kb / 5P
DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
U74LVC2G132 UTC-U74LVC2G132_15 Datasheet
181Kb / 5P
DUAL 2-INPUT NAND GATE
logo
Texas Instruments
SN74LVC2G132 TI1-SN74LVC2G132_16 Datasheet
946Kb / 18P
Dual 2-Input NAND Gate With Schmitt-Trigger Inputs
SN74LVC2G132 TI1-SN74LVC2G132_V01 Datasheet
1Mb / 20P
Dual 2-Input NAND Gate With Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com