Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V2T132 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74V2T132
Description  DUAL 2-INPUT SHMITT TRIGGER NAND GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2T132 Datasheet(HTML) 2 Page - STMicroelectronics

  74V2T132 Datasheet HTML 1Page - STMicroelectronics 74V2T132 Datasheet HTML 2Page - STMicroelectronics 74V2T132 Datasheet HTML 3Page - STMicroelectronics 74V2T132 Datasheet HTML 4Page - STMicroelectronics 74V2T132 Datasheet HTML 5Page - STMicroelectronics 74V2T132 Datasheet HTML 6Page - STMicroelectronics 74V2T132 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
74V2T132
2/7
INPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
1) VCC =0V
2) High or Low State
RECOMMENDED OPERATING CONDITIONS
1) VCC =0V
2) High or Low State
PIN No
SYMBOL
NAME QND FUNCTION
1, 5
1A, 2A
Data Input
2, 6
1B, 2B
Data Input
7, 3
1Y, 2Y
Data Output
4
GND
Ground (0V)
8
VCC
Positive Supply Voltage
AB
Y
LL
H
LH
H
HLH
HH
L
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage (see note 1)
-0.5 to +7.0
V
VO
DC Output Voltage (see note 2)
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
-20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
4.5 to 5.5
V
VI
Input Voltage
0 to 5.5
V
VO
Output Voltage (see note 1)
0 to 5.5
V
VO
Output Voltage (see note 2)
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com