Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFAPI Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # SFAPI
Description  Fixed Axial Power Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SFAPI Datasheet(HTML) 4 Page - Bel Fuse Inc.

  SFAPI Datasheet HTML 1Page - Bel Fuse Inc. SFAPI Datasheet HTML 2Page - Bel Fuse Inc. SFAPI Datasheet HTML 3Page - Bel Fuse Inc. SFAPI Datasheet HTML 4Page - Bel Fuse Inc. SFAPI Datasheet HTML 5Page - Bel Fuse Inc. SFAPI Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 | Tel 516-239-5777 | Fax 516-239-7208
sales@signaltransformer.com | techhelp@signaltransformer.com
Custom versions available upon request.
© 2022 Signal Transformer
Specifications subject to change without notice.
SFAPI Series Dec 16 2022
SFAPI Series
RoHS
Compliant
RECOMMENDED REFLOW SOLDERING CONDITIONS (DIP-TYP)
°C
s
250
200
150
100
50
260 °C max
TΔ = 183 °C
10 s max
2 ~ 4 °C/s
2 ~ 3 °C/s
ADD:
The recommended reflow conditions as above graph, are set according to our soldering equipment. Due to various manufactures
may have different reflow soldering equipment, products, process conditions, set methods. And so on, when setting the reflow
conditions,
Please adjust and confirm according to users’ environment/equipment.
SOLDERING IRON (REWORK)
1) Use soldering iron to solder inductors by hand, times does not exceed 350 degrees 3 times.
2) When soldering iron welding, please try to avoid contacting the inductor itself. (definitely do not contact the wire)
3) To solder inductors by soldering iron is not recommended).
350±10 °C
Soldering iron power: 30 W max
3 seconds max



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com