Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFAPI Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SFAPI
Description  Fixed Axial Power Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SFAPI Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SFAPI Datasheet HTML 1Page - Bel Fuse Inc. SFAPI Datasheet HTML 2Page - Bel Fuse Inc. SFAPI Datasheet HTML 3Page - Bel Fuse Inc. SFAPI Datasheet HTML 4Page - Bel Fuse Inc. SFAPI Datasheet HTML 5Page - Bel Fuse Inc. SFAPI Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
belfuse.com/signal
SFAPI Series
Fixed Axial Power Inductors
The SFAPI Series is an entirely new line of fixed axial leaded power
inductors. When the current flowing through the coil changes, the time-
varying magnetic field induces a counter electromotive force in the
conductor which opposes the change in current that created it. As such,
inductors oppose any changes in current that pass through them. In power
supplies, an inductor’s role is to prevent sudden changes in current used.
Working alongside a capacitor, an inductor prevents sudden changes in the
power supply’s output voltage and current.
Due to the ferrite core material grade, these fixed power inductors have
high permeability, increased electrical resistivity, and low eddy current
losses such that their characteristics make them suitable for multiple high-
frequency applications. Power Inductors are used in variety of functions
including differential mode filtering, as output chokes and energy storage
devices in power supply topologies such a buck, boost, SEPIC and Cuk etc.
General Features
High current choke
Wide inductance range
High saturation ferrite core
UL rated shrink tube covering
Low-cost power inductor
Available in Tape & Reel packaging
Specifications
Wide inductance range 27 µH to 4.7 mH (1.28 A ~ 0.1 A)
High current choke
High saturation ferrite core
Operating temperature range: -40 °C to +125 °C
Storage temperature component: -40 °C to +125 °C
Applications
Switching regulators
Power Amplifiers, inverters and converters
Power Supplies (buck, boost, SEPIC, Cuk)
SCR and Triac controls
Speaker crossover networks
RFI suppression filters / RFI tuning coils
Various other applications (i.e. snubber circuits etc.)
RoHS
Compliant


Similar Part No. - SFAPI

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SFA CDE-SFA Datasheet
111Kb / 1P
AC Motor- Run Capacitor Hardware and Accessories
logo
List of Unclassifed Man...
SFA-101 ETC2-SFA-101 Datasheet
143Kb / 4P
RU Series - General Purpose Relays
logo
Eravant
SFA-1141441213-08SF-E1 ERAVANT-SFA-1141441213-08SF-E1 Datasheet
315Kb / 3P
F-Band, X12 Active Multiplier, 110 to 140 GHz, 13 dBm Pout
Rev 1.2
SFA-114144413-08KF-E1 ERAVANT-SFA-114144413-08KF-E1 Datasheet
325Kb / 3P
F-Band, X4 Active Multiplier, 110 to 140 GHz, 13 dBm Pout
Rev 1.2
SFA-114144613-08KF-E1 ERAVANT-SFA-114144613-08KF-E1 Datasheet
265Kb / 3P
F-Band, X6 Active Multiplier, 110 to 140 GHz, 13 dBm Pout
More results

Similar Description - SFAPI

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
LPA0618-100KL BOURNS-LPA0618-100KL Datasheet
150Kb / 1P
Axial Power Inductors
logo
Superworld Electronics
AIB0618 SUPERWORLD-AIB0618 Datasheet
589Kb / 4P
AXIAL FIXED INDUCTORS
AIB1020 SUPERWORLD-AIB1020 Datasheet
594Kb / 4P
AXIAL FIXED INDUCTORS
AIB1226 SUPERWORLD-AIB1226 Datasheet
590Kb / 4P
AXIAL FIXED INDUCTORS
logo
API Delevan
2474R API-2474R Datasheet
1Mb / 1P
Axial Lead Power Inductors
logo
Bourns Electronic Solut...
LPA0618-100KL BOURNS-LPA0618-100KL_09 Datasheet
92Kb / 1P
Axial Power Inductors
logo
Semikron International
AIB0618100KZF SEMIKRON-AIB0618100KZF Datasheet
584Kb / 4P
AXIAL FIXED INDUCTORS
logo
Superworld Electronics
AIB0618100KZF SUPERWORLD-AIB0618100KZF Datasheet
292Kb / 4P
AXIAL FIXED INDUCTORS
AIB1020100KZF SUPERWORLD-AIB1020100KZF Datasheet
292Kb / 4P
AXIAL FIXED INDUCTORS
AIB1226100KZF SUPERWORLD-AIB1226100KZF Datasheet
291Kb / 4P
AXIAL FIXED INDUCTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com