Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2586 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC2586
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR UHF-BAND POWER AMPLIFIER INDUSTRIAL USE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2586 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC2586 Datasheet HTML 1Page - Renesas Technology Corp 2SC2586 Datasheet HTML 2Page - Renesas Technology Corp 2SC2586 Datasheet HTML 3Page - Renesas Technology Corp 2SC2586 Datasheet HTML 4Page - Renesas Technology Corp 2SC2586 Datasheet HTML 5Page - Renesas Technology Corp 2SC2586 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
©
1996
DATA SHEET
Document No. P11693EJ1V0DS00 (1st edition)
Date Published July 1996 P
Printed in Japan
SILICON POWER TRANSISTOR
2SC2586
DESCRIPTION
The 2SC2586 is an NPN silicon epitaxial transistor designed
for UHF-band medium power amplifiers.
FEATURES
• Medium power output
Pout = 1.6 W TYP. @ f = 500 MHz, VCC = 12.6 V, Pin = 0.2 W
ABSOLUTE MAXIMUM RATINGS (TA = 25
°°°°°C)
ELECTRICAL CHARACTERISTICS (TA = 25
°°°°°C)
NPN SILICON EPITAXIAL TRANSISTOR
FOR UHF-BAND POWER AMPLIFIER
INDUSTRIAL USE
PACKAGE DIMENSIONS (in millimeters)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
VCBO
35
V
Collector to Emitter Voltage
VCEO
18
V
Emitter to Base Voltage
VEBO
3.0
V
Collector Current
IC
0.4
A
Total Power Dissipation
PT (TC = 25 °C)
7W
Junction Temperature
Tj
200
°C
Storage Temperature
Tstg
-65 to +200
°C
9.4 MAX.
φ
8.5 MAX.
φ
0.45
φ
5.08
φ
2
3
1
0.8
0.8
45
°
PIN CONNECTIONS
1. Collector
2. Base
3. Emitter
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB = 20 V, IC = 0
0.1
mA
Emitter Cut-off Current
IEBO
VEB = 2 V, IE = 0
0.1
mA
DC Current Gain
hFE
VCE = 10 V, IC = 100 mA (pulse)
20
60
200
-
Output Capacitance
Cob
VCB = 10 V, IE = 0, f = 1.0 MHz
2.5
4.0
pF
Output Power
Pout
f = 500 MHz, VCC = 12.6 V, Pin = 23 dBm
30.5
32
dBm
Collector Efficiency
η
C
55
65
%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com