Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2586 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC2586
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR UHF-BAND POWER AMPLIFIER INDUSTRIAL USE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2586 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC2586 Datasheet HTML 1Page - Renesas Technology Corp 2SC2586 Datasheet HTML 2Page - Renesas Technology Corp 2SC2586 Datasheet HTML 3Page - Renesas Technology Corp 2SC2586 Datasheet HTML 4Page - Renesas Technology Corp 2SC2586 Datasheet HTML 5Page - Renesas Technology Corp 2SC2586 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2
2SC2586
TYPICAL CHARACTERISTICS (TA = 25
°°°°°C)
40
38
36
34
32
50
f = 500 MHz
VCC = 12.6 V
Pout
100
30
18
20
22
24
26
28
C
η
OUTPUT POWER AND COLLECTOR
EFFICIENCY vs. INPUT POWER
Pin - Input Power - dBm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com