Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF1713 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16LF1713
Description  Cost Effective 8-Bit Intelligent Analog Flash Microcontrollers
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1713 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16LF1713 Datasheet HTML 9Page - Microchip Technology PIC16LF1713 Datasheet HTML 10Page - Microchip Technology PIC16LF1713 Datasheet HTML 11Page - Microchip Technology PIC16LF1713 Datasheet HTML 12Page - Microchip Technology PIC16LF1713 Datasheet HTML 13Page - Microchip Technology PIC16LF1713 Datasheet HTML 14Page - Microchip Technology PIC16LF1713 Datasheet HTML 15Page - Microchip Technology PIC16LF1713 Datasheet HTML 16Page - Microchip Technology PIC16LF1713 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 471 page
background image
 2013-2018 Microchip Technology Inc.
DS40001726D-page 13
PIC16(L)F1713/6
RC4/AN16/SDI(1)/SDA(1)
RC4
TTL/ST CMOS General purpose I/O.
AN16
AN
—
ADC Channel 16 input.
SDI
TTL/ST
—
SPI Data input
SDA
I2C—
I2C Data input
RC5/AN17
RC5
TTL/ST CMOS General purpose I/O.
AN17
AN
—
ADC Channel 17 input.
RC6/AN18/CK(1)
RC6
TTL/ST CMOS General purpose I/O.
AN16
AN
—
ADC Channel 16 input.
CK
TTL/ST
EUSART synchronous clock
RC7/AN19/RX(1)
RC7
TTL/ST CMOS General purpose I/O.
AN18
AN
—
ADC Channel 18 input.
RX
TTL/ST
—
EUSART receive
RE3/MCLR/VPP
RE3
TTL/ST
—
General purpose input.
MCLR
ST
—
Master clear input
VPP
HV
—
Programming enable
VDD
VDD
Power
—
Positive supply
VSS
Power
—
Ground reference
OUT(2)
C1OUT
CMOS Comparator 1 output
C2OUT
CMOS Comparator 2 output
CCP1
CMOS Compare/PWM1 output
CCP2
CMOS Compare/PWM2 output
NCO1OUT
CMOS Numerically controlled oscillator output
PWM3OUT
CMOS PWM3 output
PWM4OUT
CMOS PWM4 output
COGA
CMOS Complementary output generator output A
COGB
CMOS Complementary output generator output B
COGC
CMOS Complementary output generator output C
COGD
CMOS Complementary output generator output D
SDA(3)
OD
I2C Data output
SCK
CMOS SPI clock output
SCL(3)
OD
I2C clock output
SDO
CMOS SPI data output
TX/CK
CMOS EUSART asynchronous TX data/synchronous clock out
DT(3)
CMOS EUSART synchronous data output
CLC1OUT
CMOS Configurable logic cell 1 output
CLC2OUT
CMOS Configurable logic cell 2 output
CLC3OUT
CMOS Configurable logic cell 3 output
CLC4OUT
CMOS Configurable logic cell 4 output
TABLE 1-2:
PIC16(L)F1713/6 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend: AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open-Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C
= Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal levels
Note 1:
Default peripheral input. Alternate pins can be selected as the peripheral input with the PPS input selection registers.
2:
All pin digital outputs default to PORT latch data. Alternate outputs can be selected as the peripheral digital output with
the PPS output selection registers.
3:
These peripheral functions are bidirectional. The output pin selections must be the same as the input pin selections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com