Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3182 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP3182
Description  Adjustable Output 1-/2-/3-Phase Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3182 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP3182 Datasheet HTML 9Page - Analog Devices ADP3182 Datasheet HTML 10Page - Analog Devices ADP3182 Datasheet HTML 11Page - Analog Devices ADP3182 Datasheet HTML 12Page - Analog Devices ADP3182 Datasheet HTML 13Page - Analog Devices ADP3182 Datasheet HTML 14Page - Analog Devices ADP3182 Datasheet HTML 15Page - Analog Devices ADP3182 Datasheet HTML 16Page - Analog Devices ADP3182 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADP3182
Rev. 0 | Page 13 of 20
1
2
3
4
5
6
7
8
BST
IN
OD
VCC
DRVH
SW
PGND
DRVL
U2
ADP3418
+
+
D2
1N4148WS
C3
1
µF
C2
2700
µF
16V
C1
2700
µF
16V
L1
1
µH
VIN
12V
VIN
RTN
C4
100nF
Q1
NTD40N02
C5
4.7
µF
Q2
NTD110N02
C6
4.7nF
R1
2.2
Ω
1
2
3
4
5
6
7
8
BST
IN
OD
VCC
DRVH
SW
PGND
DRVL
U3
ADP3418
D3
1N4148WS
C7
1
µF
C8
100nF
Q3
NTD40N02
C9
4.7
µF
Q4
NTD110N02
C10
4.7nF
R2
2.2
Ω
1
2
3
4
5
6
7
8
BST
IN
OD
VCC
DRVH
SW
PGND
DRVL
U4
ADP3418
D4
1N4148WS
C11
1
µF
C12
100nF
Q5
NTD40N02
C13
4.7
µF
Q6
NTD110N02
L4
600nH/1.4m
Ω
C14
4.7nF
R3
2.2
Ω
L3
600nH/1.4m
Ω
+
C17
+
C21
VOUT
1.8V
55A
VOUT
RTN
4.7
µF × 10
6.3V
MLCC
L2
600nH/1.4m
Ω
1200
µF/6.3V × 5
15m
Ω ESR (EACH)
RR
332k
Ω
R4
10
Ω
C15
1
µF
C16
33
µF
1
2
4
5
16
17
19
20
VCC
FBRTN
COMP
PWRGD
PWM1
PWM2
SW1
SW2
U1
ADP3182
10
11
ILIMIT
CSREF
9
12
RAMPADJ
CSSUM
8
13
RT
CSCOMP
7
14
DELAY
GND
6
15
EN
SW3
3
18
FB
PWM3
RPH3
140k
Ω
RPH1
140k
Ω
RPH2
140k
Ω
POWER
GOOD
ENABLE
RLIM
287k
Ω
CDLY
39nF
RDLY
470k
Ω
RT
258k
Ω
RB2 1.24kΩ
RB1 1.00kΩ
CA
1.2nF
RA
6.04k
Ω
CFB
100pF
RCS
100k
Ω
CCS
5.6nF
RSW3
*
RSW1
*
RSW2
*
+
D1
1N4148WS
Figure 9. 1.8 V, 55 A Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com