Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS4260L Datasheet(PDF) 13 Page - STMicroelectronics

Part # IPS4260L
Description  Quad low-side intelligent power switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS4260L Datasheet(HTML) 13 Page - STMicroelectronics

Back Button IPS4260L Datasheet HTML 9Page - STMicroelectronics IPS4260L Datasheet HTML 10Page - STMicroelectronics IPS4260L Datasheet HTML 11Page - STMicroelectronics IPS4260L Datasheet HTML 12Page - STMicroelectronics IPS4260L Datasheet HTML 13Page - STMicroelectronics IPS4260L Datasheet HTML 14Page - STMicroelectronics IPS4260L Datasheet HTML 15Page - STMicroelectronics IPS4260L Datasheet HTML 16Page - STMicroelectronics IPS4260L Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
6
Protection and diagnostic
The IC integrates several protections to ease the design of a robust application.
6.1
Undervoltage lock-out
The device turns off if the supply voltage falls below the turn-off threshold (VUV(off)). Normal operation restarts
after VCC exceeds the turn-on threshold (VUV(on)). Turn-on and turn-off thresholds are defined in Table 4. Supply.
6.2
Overtemperature
The power stage of each channel is turned off as its internal junction temperature (TJ) exceeds the
shutdown threshold (TJSD). Normal operation restarts when TJ comes back below the reset threshold (see
Table 8. Protection and diagnostic). The internal fault signal is set when the channel is OFF due to thermal
protection. The thermal fault is reported both on the FLT pin and on the INx pin of the corresponding LOADx in
fault. Note that the FLT pin reports the logic OR of the four output channels faults.
Figure 8. Thermal protection signalization behavior on FLT
MCUx
VINx
TJ
____
FLT
TJSD
TJHYS
6.3
Current limitation and cut-off
The load current flows through the integrated power stage and it is internally limited by the specific ILIM threshold
that can be set by an external resistor (RILIM) placed between ILIM and SGND ground plane. The design rule for
the RILIM resistor is:
Equation 1:
(1)
ILIM = 60/RILIM[kΩ]
The above design rule is valid in the range 30 kΩ ≤ RILIM ≤ 120 kΩ. For 0 ≤ RILIM < 30 kΩ, the current is internally
limited up to 3 A (typical). For RILIM > 120 kΩ the current is anyway limited but the linearity is not guaranteed.
IPS4260L
Protection and diagnostic
DS12305 - Rev 5
page 13/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com