Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS4260L Datasheet (PDF) - STMicroelectronics

IPS4260L Datasheet PDF - STMicroelectronics
Part # IPS4260L
Download  IPS4260L Download
File Size   834.75 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Quad low-side intelligent power switch

IPS4260L Datasheet (PDF)

Go To PDF Page Download Datasheet
IPS4260L Datasheet PDF - STMicroelectronics

Part # IPS4260L
Download  IPS4260L Click to download

File Size   834.75 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Quad low-side intelligent power switch

IPS4260L Datasheet (HTML) - STMicroelectronics


IPS4260L Product details

Description
The IPS4260L is a monolithic high speed (FSW up to 250 kHz) device, which
can drive four independent capacitive, resistive or inductive loads with one side
connected to supply voltage. The channels can be parallelized to reduce power
dissipation.
When connected to Vcc rail, four integrated catch diodes clamp the turn-off transients
generated by inductive loads even with huge inductance; combined with proper
external TVS connected to VCC or to GND the IC allows fast decay, too. Each
channel is protected against overload or short circuit event: the intervention level can
be set by an external resistor on ILIM pin .
Built-in thermal shutdown protects the chip against overtemperature even in case of
short-circuit. If enabled, the integrated cut-off protection features a non-dissipative
protection in case of overload; it limits both the output average current value and,
consequently, the device overheating. Cut-off delay/restart can be programmed by
external resistors on CoD pin; it can be disabled by shorting CoD to GND.

Features
• 8 V to 50 V operating voltage range
• Four independent protected channels
• VCC undervoltage lock-out
• High speed operation (tr
, tf
< 1 μs)
• Programmable load current limitation level by external resistor
• Typical operating load current: 0.5 A (per channel) / 2 A (one channel)
• Thermally independent junction overtemperature protections
• Programmable non-dissipative short-circuit protection (cut-off) by external
resistor
• Open load (off-state) and short-to-ground activated by external pull-down
resistors
• Fast demagnetization of inductive loads with integrated catch diodes clamping
turn-off transients
• Ground and VCC wire break protection
• VCC overvoltage protection
• Common open load diagnostic
• Common thermal shutdown and overload diagnostic
• Per channel thermal shutdown diagnostic
• Designed to meet IEC 61131-2
• Miniaturized HTSSOP20 package

Application
• Programmable logic control
• Industrial PC peripheral input/output
• Numerical control machines
• General low-side switch applications




Similar Part No. - IPS4260L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IPS4260L STMICROELECTRONICS-IPS4260L Datasheet
1Mb / 5P
IO-Link actuator for industrial tower light based on L6364Q and IPS4260L
09-Sep-2024
IPS4260LM STMICROELECTRONICS-IPS4260LM Datasheet
928Kb / 7P
Industrial digital output expansion board based on IPS4260LM for STM32 Nucleo
21-Dec-2023
More results


Similar Description - IPS4260L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9346 STMICROELECTRONICS-L9346 Datasheet
96Kb / 13P
QUAD INTELLIGENT POWER LOW SIDE SWITCH
May-2000
L9347 STMICROELECTRONICS-L9347 Datasheet
329Kb / 21P
INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
Jun-2002
L9349 STMICROELECTRONICS-L9349 Datasheet
285Kb / 12P
QUAD INTELLIGENT POWER LOW SIDE SWITCH
Sep-2002
L9352 STMICROELECTRONICS-L9352 Datasheet
328Kb / 21P
INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
Jun-2002
logo
Texas Instruments
TPIC2404 TI-TPIC2404 Datasheet
88Kb / 7P
INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
STMicroelectronics
L9352B STMICROELECTRONICS-L9352B Datasheet
611Kb / 21P
INTELLIGENT QUAD (2X5A/2X2.5A) LOW-SIDE SWITCH
Feb-2004
L9332 STMICROELECTRONICS-L9332 Datasheet
255Kb / 17P
Quad intelligent power low side switch
28-Mar-2008
L9349-LF STMICROELECTRONICS-L9349-LF Datasheet
267Kb / 17P
Quad intelligent power low side switch
09-Sep-2008
logo
Texas Instruments
TPIC2404KN TI-TPIC2404KN Datasheet
90Kb / 7P
INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
International Rectifier
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
INTELLIGENT POWER LOW SIDE SWITCH
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com