Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9352 Datasheet (PDF) - STMicroelectronics

L9352 Datasheet PDF - STMicroelectronics
Part # L9352
Download  L9352 Download
File Size   328.61 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH

L9352 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9352 Datasheet PDF - STMicroelectronics

Part # L9352
Download  L9352 Click to download

File Size   328.61 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH

L9352 Datasheet (HTML) - STMicroelectronics


L9352 Product details

DESCRIPTION

The L9352 is an integrated quad low-side power switch to drive inductive loads like valves used in ABS systems. Two of the four channels are current regulators with current range from 250mA to 2.25A and an accuracy of 10%. All channels are protected against fail functions. They are monitored by a status output.



■Quad low-side switch

■2 x 5A designed as conventional switch

■2 x 2.5A designed as switched current-regulator

■Low ON-resistance 4 x 0.2Ω(typ.)

■Power SO-36 - package with integrated cooling area

■Integrated free-wheeling and clamping Z-diodes

■Output slope control

■Short circuit protection

■Selective overtemperature shutdown

■Open load detection

■Ground and supply loss detection

■External clock control

■Recirculation control

■Regulator drift detection

■Regulator error control

■Regulator resolution 5mA

■Status monitoring

■Status push-pull stages

■Electrostatic discharge (ESD) protection




Similar Part No. - L9352

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9352B STMICROELECTRONICS-L9352B Datasheet
611Kb / 21P
INTELLIGENT QUAD (2X5A/2X2.5A) LOW-SIDE SWITCH
Feb-2004
L9352B STMICROELECTRONICS-L9352B Datasheet
333Kb / 27P
Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
17-Sep-2013
L9352B-DIE1 STMICROELECTRONICS-L9352B-DIE1 Datasheet
611Kb / 21P
INTELLIGENT QUAD (2X5A/2X2.5A) LOW-SIDE SWITCH
Feb-2004
L9352B-LF STMICROELECTRONICS-L9352B-LF Datasheet
334Kb / 27P
Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
17-Sep-2013
L9352B-LF STMICROELECTRONICS-L9352B-LF Datasheet
333Kb / 27P
Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
17-Sep-2013
More results


Similar Description - L9352

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9346 STMICROELECTRONICS-L9346 Datasheet
96Kb / 13P
QUAD INTELLIGENT POWER LOW SIDE SWITCH
May-2000
L9347 STMICROELECTRONICS-L9347 Datasheet
329Kb / 21P
INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
Jun-2002
L9349 STMICROELECTRONICS-L9349 Datasheet
285Kb / 12P
QUAD INTELLIGENT POWER LOW SIDE SWITCH
Sep-2002
logo
Texas Instruments
TPIC2404 TI-TPIC2404 Datasheet
88Kb / 7P
INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
STMicroelectronics
L9352B STMICROELECTRONICS-L9352B Datasheet
611Kb / 21P
INTELLIGENT QUAD (2X5A/2X2.5A) LOW-SIDE SWITCH
Feb-2004
L9332 STMICROELECTRONICS-L9332 Datasheet
255Kb / 17P
Quad intelligent power low side switch
28-Mar-2008
L9349-LF STMICROELECTRONICS-L9349-LF Datasheet
267Kb / 17P
Quad intelligent power low side switch
09-Sep-2008
logo
Freescale Semiconductor...
33892 FREESCALE-33892 Datasheet
847Kb / 28P
Quad Intelligent High-Side Switch
logo
Texas Instruments
TPIC2404KN TI-TPIC2404KN Datasheet
90Kb / 7P
INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
STMicroelectronics
IPS4260L STMICROELECTRONICS-IPS4260L Datasheet
834Kb / 29P
Quad low-side intelligent power switch
30-Jul-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com