Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9352 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9352
Description  INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9352 Datasheet(HTML) 3 Page - STMicroelectronics

  L9352 Datasheet HTML 1Page - STMicroelectronics L9352 Datasheet HTML 2Page - STMicroelectronics L9352 Datasheet HTML 3Page - STMicroelectronics L9352 Datasheet HTML 4Page - STMicroelectronics L9352 Datasheet HTML 5Page - STMicroelectronics L9352 Datasheet HTML 6Page - STMicroelectronics L9352 Datasheet HTML 7Page - STMicroelectronics L9352 Datasheet HTML 8Page - STMicroelectronics L9352 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3/21
L9352
PIN DESCRIPTION
Pin
Function
1
GND
Logic Ground
2, 3
PGND 3
Power Ground Channel 3
4, 5
Q 3
Power Output Channel 3
6, 7
D 3
Free-Wheeling Diode Channel 3
8, 9
Q 1
Power Output Channel 1
10, 11
Q 2
Power Output Channel 2
12, 13
D 4
Free-Wheeling Diode Channel 4
14, 15
Q 4
Power Output Channel 4
16, 17
PGND 4
Power Ground Channel 4
18
NC
Not Connected
19
VCC
5V Supply
20
VDD
5V Supply
21
ST 4
Status Output Channel 4
22
IN 2
Control Input Channel 2
23
IN 4
Control Input Channel 4
24
ST 2
Status Output Channel 2
25
EN
Enable Input for all four Channels
26
TEST
Enable Input for Drift detection
27, 28
PGND 2
Power Ground Channel 2
29
VS
Supply Voltage
30, 31
PGND 1
Power Ground Channel 1
32
ST 1
Status Output Channel 1
33
IN 3
Control Input Channel 3
34
IN 1
Control Input Channel 1
35
ST 3
Status Output Channel 3
36
CLK
Clock Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com