Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9352 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9352
Description  INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9352 Datasheet(HTML) 5 Page - STMicroelectronics

  L9352 Datasheet HTML 1Page - STMicroelectronics L9352 Datasheet HTML 2Page - STMicroelectronics L9352 Datasheet HTML 3Page - STMicroelectronics L9352 Datasheet HTML 4Page - STMicroelectronics L9352 Datasheet HTML 5Page - STMicroelectronics L9352 Datasheet HTML 6Page - STMicroelectronics L9352 Datasheet HTML 7Page - STMicroelectronics L9352 Datasheet HTML 8Page - STMicroelectronics L9352 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5/21
L9352
OPERATING RANGE
.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VS
Supply voltage
4.8
18
V
VCC, VDD
Supply voltage
4.5
5.5
V
dVS/dt
Supply voltage transient time
-1
1
V/
µs
VQ
Output voltage static
-0.3
40
V
VQ
Output voltage induced by inductive switching
Voltage will be
limited by internal
Z-diode clamping
60
V
VST
Output voltage status
-0.3
6
V
IST
Output current status
-1
1
mA
Tj
Junction temperature
-40
150
°C
Tjc
Junction temperature during clamping
Σ = 30min
Σ = 15min
175
190
°C
ELECTRICAL CHARACTERISTCS:
(Vs = 4.8 to 18V; Tj = -40 to 150°C unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Power Supply
ISON
Supply current
VS 18V
(outputs ON)
5mA
ISOFF
Quiescent current
VS 18V
(outputs OFF)
5mA
Icc
Supply current VCC (analog supply)
VCC =5V
5
mA
Idd
Supply current VDD (digital supply)
VDD =5V fCLK=0Hz
5
uA
Idd
Supply current VDD (digital supply)
VDD =5V fCLK=250kHz
5
mA
General Diagnostic Functions
VQU
Open load voltage
VS 6.5V
(outputs OFF)
0.3
0.33
0.36
x VQ
VthGND
Signal-GND-loss threshold
VCC= 5V
0.1
1
V
VthPGL
Power-GND-loss threshold
VCC= 5V
1.5
2.5
3.5
V
fCLK,min Clock frequency error
10
100
kHz
DCCLKe_l
ow
Clock duty cycle error detection low
fCLK= 250 kHz
33,3
45
%
DCCLKe_
high
Clock duty cycle error detection high
fCLK= 250 kHz
55
66,6
%
VSloss
Supply detection
VCC = VDD = 5V
2
4.5
V
Additional Diagnostic Functions channel 1 and channel 2 (non regulated channels)
IQU1,2
Open-load current channel 1, 2
VS 6.5V
50
300
mA
IQO1,2
Over-load current channel 1, 2
VS 6.5V
57.5
9
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com