Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9346 Datasheet (PDF) - STMicroelectronics

L9346 Datasheet PDF - STMicroelectronics
Part # L9346
Download  L9346 Download
File Size   96.57 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD INTELLIGENT POWER LOW SIDE SWITCH

L9346 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9346 Datasheet PDF - STMicroelectronics

Part # L9346
Download  L9346 Click to download

File Size   96.57 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD INTELLIGENT POWER LOW SIDE SWITCH

L9346 Datasheet (HTML) - STMicroelectronics


L9346 Product details

DESCRIPTION
The L9346 is a monolithic integrated quad low side driver realized in an advanced Multipower BCD mixed technology. The device is intended to drive valves in automotive environment.
The inputs are µP compatible. Particular care has been taken to protect the device against failures, to avoid electromagnetic interferences and to offer extensive real time diagnostic.

■ QUAD POWER LOWSIDE DRIVER WITH 2 x 5A AND2 x 3AOUTPUT CURRENT CAPABILITY
■ LOW RDSON TYPICALLY 200mΩ AND 300mΩ @ Tj = 25°C
■ INTERNAL OUTPUT CLAMPING STRUCTURES WITH VFB = 50V FOR FAST INDUCTIVE LOAD CURRENT RECIRCULATION
■ LIMITED OUTPUT VOLTAGE SLEW RATE FOR LOW EMI
■ PROTECTED µP COMPATIBLE ENABLE AND INPUT
■ WIDE OPERATING SUPPLY VOLTAGE RANGE 4.5V TO 32V
■ REAL TIME DIAGNOSTIC FUNCTIONS:
    - OUTPUT SHORTED TO GND
    - OUTPUT SHORTED TO VSS
    - OPEN LOAD MEASURED IN ON AND OFF CONDITION
    - LOAD BYPASS DETECTION
    - OVERTEMPERATURE DEVICE PROTECTION FUNCTIONS:
    - OVERLOAD DISABLE
    - REVERSE SUPPLY VOLTAGE PROTECTED VS UP TO -2V
    - SELECTIVE THERMAL SHUTDOWN




Similar Part No. - L9346

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9341 STMICROELECTRONICS-L9341 Datasheet
130Kb / 10P
QUAD LOW SIDE DRIVER
Mar-1994
L9341H STMICROELECTRONICS-L9341H Datasheet
130Kb / 10P
QUAD LOW SIDE DRIVER
Mar-1994
L9341V STMICROELECTRONICS-L9341V Datasheet
130Kb / 10P
QUAD LOW SIDE DRIVER
Mar-1994
L9347 STMICROELECTRONICS-L9347 Datasheet
329Kb / 21P
INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
Jun-2002
L9347 STMICROELECTRONICS-L9347 Datasheet
325Kb / 29P
Intelligent quad (2x5A/2x2.5A) low-side switch
25-Sep-2013
More results


Similar Description - L9346

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9347 STMICROELECTRONICS-L9347 Datasheet
329Kb / 21P
INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
Jun-2002
L9349 STMICROELECTRONICS-L9349 Datasheet
285Kb / 12P
QUAD INTELLIGENT POWER LOW SIDE SWITCH
Sep-2002
L9352 STMICROELECTRONICS-L9352 Datasheet
328Kb / 21P
INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
Jun-2002
logo
Texas Instruments
TPIC2404 TI-TPIC2404 Datasheet
88Kb / 7P
INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
STMicroelectronics
L9352B STMICROELECTRONICS-L9352B Datasheet
611Kb / 21P
INTELLIGENT QUAD (2X5A/2X2.5A) LOW-SIDE SWITCH
Feb-2004
L9332 STMICROELECTRONICS-L9332 Datasheet
255Kb / 17P
Quad intelligent power low side switch
28-Mar-2008
L9349-LF STMICROELECTRONICS-L9349-LF Datasheet
267Kb / 17P
Quad intelligent power low side switch
09-Sep-2008
logo
Texas Instruments
TPIC2404KN TI-TPIC2404KN Datasheet
90Kb / 7P
INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
International Rectifier
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
INTELLIGENT POWER LOW SIDE SWITCH
logo
STMicroelectronics
IPS4260L STMICROELECTRONICS-IPS4260L Datasheet
834Kb / 29P
Quad low-side intelligent power switch
30-Jul-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com