Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9346 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9346
Description  QUAD INTELLIGENT POWER LOW SIDE SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9346 Datasheet(HTML) 3 Page - STMicroelectronics

  L9346 Datasheet HTML 1Page - STMicroelectronics L9346 Datasheet HTML 2Page - STMicroelectronics L9346 Datasheet HTML 3Page - STMicroelectronics L9346 Datasheet HTML 4Page - STMicroelectronics L9346 Datasheet HTML 5Page - STMicroelectronics L9346 Datasheet HTML 6Page - STMicroelectronics L9346 Datasheet HTML 7Page - STMicroelectronics L9346 Datasheet HTML 8Page - STMicroelectronics L9346 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-c
Thermal Resistance junction to case
3
K/W
PIN FUNCTIONS
N.
Name
Function
1
GND
Power Grounded
2
Out 1
Output 1 (5A)
3
D1
Diagnostic 1
4
IN 4
Input 4
5
VS
Supply Voltage
6
NC
Not Connected
7
IN 3
Input 3
8
D2
Diagnostic 2
9
Out 2
Output 2 (5A)
10
GND
Power Ground
11
GND
Power Ground
12
Out 3
Output 3 (3A)
13
D3
Diagnostic 3
14
IN 2
Input 2
15
GND
Signal Ground
16
EN
Common Enable
17
IN 1
Input 1
18
D4
Diagnostic 4
19
Out 4
Output 4 (3A)
20
GND
Power Ground
t EO
V S
T
t
VO1 - 4
V OC L
Figure 1: tEO Clamping Time
L9346
3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com