Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9346 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9346
Description  QUAD INTELLIGENT POWER LOW SIDE SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9346 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9346 Datasheet HTML 5Page - STMicroelectronics L9346 Datasheet HTML 6Page - STMicroelectronics L9346 Datasheet HTML 7Page - STMicroelectronics L9346 Datasheet HTML 8Page - STMicroelectronics L9346 Datasheet HTML 9Page - STMicroelectronics L9346 Datasheet HTML 10Page - STMicroelectronics L9346 Datasheet HTML 11Page - STMicroelectronics L9346 Datasheet HTML 12Page - STMicroelectronics L9346 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
VO u
IO o
V
EN
V
IN
IO
u
V
D
open load
v o ltage
op en l oad
c urrent
ON
nor ma l
opera tion
latched over.
load di agno stic
ON
nor ma l
ope ration
nor ma l
operation
OFF
Figure 8. Logic Diagram
Z VALVE
Z VALVE
Controller
+5V
µ P
Z VALVE
Z VALVE
I/O
I/O
KL 15
KL 30
+45V
VCC
I/O
I/O
I/O
I/O
I/O
I/O
I/O
GND
+5V
+5V
+5V
V Batt
OU T 1
OU T 4
VS
C ha nne l 1
C ha nne l 4
Out pu t
Co ntrol
Ov er tem p
R
QS
De la y
Tim e r
O v erload
O p enloa d
GN D
D4
IN 4
EN
D1
IN 1
R IO
D iagnos tic
Co ntrol
OU T 2
C ha nne l 2
D2
IN 2
OU T 3
C ha nne l 3
D3
IN 3
52 V
Figure 9. Application Circuit Diagram
L9346
11/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com