Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9346 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9346
Description  QUAD INTELLIGENT POWER LOW SIDE SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9346 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9346 Datasheet HTML 2Page - STMicroelectronics L9346 Datasheet HTML 3Page - STMicroelectronics L9346 Datasheet HTML 4Page - STMicroelectronics L9346 Datasheet HTML 5Page - STMicroelectronics L9346 Datasheet HTML 6Page - STMicroelectronics L9346 Datasheet HTML 7Page - STMicroelectronics L9346 Datasheet HTML 8Page - STMicroelectronics L9346 Datasheet HTML 9Page - STMicroelectronics L9346 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ELECTRICAL CHARACTERISTICS (Operating Range)
The electrical characteristics are valid within the below defined operating range, unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Board Supply Voltage
4.5
12
32
V
Tj1
Junction Temperature
-40
150
°C
Tj2
Junction Temperature
Σt ≤ 15min 2) over life time
150
TjDIS
°C
NOTE:
2) Parameters guaranteed by correlation
ELECTRICAL CHARACTERISTICS (VS = 4.5 to 32V; -40
°C ≤ Τj1 ≤ 150°C< Tj2 ≤ ΤjDIS, unless other-
wise specified.)
Symbol
Parameter
Test Condition
Value Tj1
Value Tj2
Unit
Min.
Typ.
Max.
Min.
Max.
Supply
IVS OFF
DC Supply Current Off
EN = 1.0V
5
10
mA
IVS ON
DC Supply Current On
VS
≤ 14V; VIN,VEN =2V
8
mA
Diagnostic Outputs D 1 - D 4
VDL
Diagnostic Output Low
Voltage
ID
≤ 3mA
0.65
1.0
1.5
V
IDLE
Diagnostic Output
Leakage Current
VD = 14V
3)
0.1
2
20
µA
Outputs Out 1 - Out 4
VOUV 1-4
Open Load Voltage
Threshold
VIN = 1V
0.525 x
VS
0.55 x
VS
0.575 x
VS
0.5 x VS
0.65 x
VS
V
VOUV hys 1-4
Hysteresis
0.003 x
VS
V
∆VOUV1-4,
2-3, 4-1, 3-2
Open Load Difference
Voltage Threshold
VIN1,4/2,3 = 1V,
4.5V
≤ VOc ≤ 16V,
4.5V
≤ VS ≤ 16V,
VOc = output voltage of
other channel
VOC -
1.0V
VOC -
1.25V
VOC -
1.5V
VOC -
0.8V
VOC -
1.7V
V
VOUV hys 1-4,
2-3, 4-1, 3-2
Open Load Hysteresis
40
mV
IOUC 1, 2, 3, 4
Open Load Current
Threshold
VEN =VIN = 2V;
VS = 6.5 to 16V
160
320
480
580
mA
IOOC 1, 2
Over Load Current
Threshold
VS > 6.5V;
VOUT = 32V
510
4
A
IOOC 3, 4
3
6
2.4
A
VOCL
Output Voltage During
Clamping
IOCL
≥ 200mA
45
52
60
V
SON,OFF
Output (fall, rise) slew
rate
4) IOUC ≤ IO ≤ IOOC
400
1500
2850
200
3500
V/ms
RIO
Internal Output Pull
Down Resistor
VEN =1V
10
20
40
50
K
RDSON 1, 2
Output On Resistance
Tj =25
°C
Tj = 150
°C
VS > 9.5V, IO1,2 =2A
200
300
500
m
RDSON 3, 4
Tj =25
°C
Tj = 150
°C; IO3,4 = 1.3A
300
450
750
m
NOTE:
2) Parameters guaranteed by correlation
3) The diagnostic output is short circuit protected up to VD =16V
4) VS = 9 to 16V
L9346
6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com