Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9346 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9346
Description  QUAD INTELLIGENT POWER LOW SIDE SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9346 Datasheet(HTML) 2 Page - STMicroelectronics

  L9346 Datasheet HTML 1Page - STMicroelectronics L9346 Datasheet HTML 2Page - STMicroelectronics L9346 Datasheet HTML 3Page - STMicroelectronics L9346 Datasheet HTML 4Page - STMicroelectronics L9346 Datasheet HTML 5Page - STMicroelectronics L9346 Datasheet HTML 6Page - STMicroelectronics L9346 Datasheet HTML 7Page - STMicroelectronics L9346 Datasheet HTML 8Page - STMicroelectronics L9346 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
erBCD mixed technology. The device is intended
to drive valves in automotive environment.
The inputs are
µP compatible. Particular care has
been taken to protect the device against failures,
to avoid electromagnetic interferences and to of-
fer extensive real time diagnostic.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Conditions
Value
Unit
VS
DC Supply Voltage
-2 to 32
V
VSP
Supply Voltage Pulse (duration <200ms)
-2 to 45
V
dVS
dt
Supply Voltage Slope
10
V/
µs
VIN, EN
Input Voltage
 I  10mA
-2 to 16
V
VD
Diagnostic DC Output Voltage
 I  50mA
-0.3 to 16
V
VODC
DC Output Voltage
-0.3 to 45
V
IO1, 2
DC Output Current Out 1, 2
5
A
IO3, 4
DC Output Current Out 3, 4
3
A
IOR1, 2
Reverse Output Current
-5
A
IOR3, 4
Reverse Output Current
-3
A
EO1, 2
Switch-off Energy for Inductive Loads
tEO = 250
µs,1)
50
mJ
EO3, 4
T = 5ms
30
mJ
∆VGND
GND Potential Difference
Tj = -40 to 150
°C
±0.3
V
TjEO
Juntion Temperature During Switch-off
∑t ≤ 30 min
175
°C
∑t ≤ 15 min
190
°C
Tj
Juntion Temperature
-40 to TjDIS
°C
Tstg
Storage Temperature
-55 to 150
°C
TjDIS
Thermal Disable Junction Temp. Threshold
180 to 210
°C
The device is ESD protected, tested according to MIL883C with
±2KV.
Note
1) :tEO is the clamping time (see fig.1)
PG N D
OU T 1
D1
IN 4
EN
GN D
IN 3
D2
OU T 2
PG N D
PG N D
PG N D
OU T4
D4
IN 1
VS
NC
IN 2
D3
OU T3
H e at s ink c onnec te d to pin s 1, 1 0, 11, 2 0
PIN CONNECTION
DESCRIPTION (continued)
L9346
2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com