Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9352B-LF Datasheet (PDF) - STMicroelectronics

L9352B-LF Datasheet PDF - STMicroelectronics
Part # L9352B-LF
Download  L9352B-LF Download
File Size   334.4 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch

L9352B-LF Datasheet (PDF)

Go To PDF Page Download Datasheet
L9352B-LF Datasheet PDF - STMicroelectronics

Part # L9352B-LF
Download  L9352B-LF Click to download

File Size   334.4 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch

L9352B-LF Datasheet (HTML) - STMicroelectronics




Similar Part No. - L9352B-LF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9352B-LF STMICROELECTRONICS-L9352B-LF Datasheet
333Kb / 27P
Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
17-Sep-2013
More results


Similar Description - L9352B-LF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9346 STMICROELECTRONICS-L9346 Datasheet
96Kb / 13P
QUAD INTELLIGENT POWER LOW SIDE SWITCH
May-2000
L9349 STMICROELECTRONICS-L9349 Datasheet
285Kb / 12P
QUAD INTELLIGENT POWER LOW SIDE SWITCH
Sep-2002
logo
Siemens Semiconductor G...
TLE4211 SIEMENS-TLE4211 Datasheet
373Kb / 13P
Intelligent Double Low-Side Switch 2 x 2 A
TLE4214G SIEMENS-TLE4214G Datasheet
371Kb / 16P
Intelligent Double Low-Side Switch 2 x 0.5 A
logo
Texas Instruments
TPIC2404 TI-TPIC2404 Datasheet
88Kb / 7P
INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
STMicroelectronics
L9332 STMICROELECTRONICS-L9332 Datasheet
255Kb / 17P
Quad intelligent power low side switch
28-Mar-2008
L9349-LF STMICROELECTRONICS-L9349-LF Datasheet
267Kb / 17P
Quad intelligent power low side switch
09-Sep-2008
L9352 STMICROELECTRONICS-L9352_08 Datasheet
326Kb / 27P
Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
05-Sep-2008
logo
Texas Instruments
TPIC2404KN TI-TPIC2404KN Datasheet
90Kb / 7P
INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
STMicroelectronics
IPS4260L STMICROELECTRONICS-IPS4260L Datasheet
834Kb / 29P
Quad low-side intelligent power switch
30-Jul-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com