Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3G4IS Datasheet(PDF) 11 Page - STMicroelectronics

Part # L3G4IS
Description  MEMS motion sensor: three-axis digital output gyroscope for gaming and OIS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4IS Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L3G4IS Datasheet HTML 7Page - STMicroelectronics L3G4IS Datasheet HTML 8Page - STMicroelectronics L3G4IS Datasheet HTML 9Page - STMicroelectronics L3G4IS Datasheet HTML 10Page - STMicroelectronics L3G4IS Datasheet HTML 11Page - STMicroelectronics L3G4IS Datasheet HTML 12Page - STMicroelectronics L3G4IS Datasheet HTML 13Page - STMicroelectronics L3G4IS Datasheet HTML 14Page - STMicroelectronics L3G4IS Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
L3G4IS
User interface mode specifications
Doc ID 022612 Rev 1
11/24
4.3
Temperature sensor characteristics
@ AVdd = 2.8 V, T = 25 °C unless otherwise noted(c).
4.4
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
c.
The product is factory calibrated at 3.3 V.
Table 6.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
TSDr
Temperature sensor
output change vs.
temperature
-
-1
°C/digit
TODR
Temperature refresh rate
1
Hz
Top
Operating temperature
range
-30
+85
°C
1.
Typical specifications are not guaranteed.
Table 7.
Absolute maximum ratings(1)
1.
Supply voltage on any pin should never exceed 4.8 V.
Symbol
Ratings
Maximum value
Unit
AVdd
Supply voltage
-0.3 to 4.8
V
HAVdd
Supply voltage
-0.3 to 4.8
V
Vdd_IO_SPI Vdd IO SPI interface
-0.3 to HAVdd +0.1
V
Vin(UI)
Input voltage on:
(SCL, SDA, INT, DRDY)
-0.3 to AVdd +0.1
V
Vin(OIS)
Input voltage on:
(CS_OIS, SDI/SDO_OIS, SCL_OIS)
-0.3 to Vdd_IO_SPI
+0.1
V
TSTG
Storage temperature range
-40 to +125
°C
Sg
Acceleration g for 0.1 ms
10,000
g
ESD
Electrostatic discharge protection
2 (HBM)
kV
1.5 (CDM)
kV
200 (MM)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com