Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3G4IS Datasheet(PDF) 19 Page - STMicroelectronics

Part # L3G4IS
Description  MEMS motion sensor: three-axis digital output gyroscope for gaming and OIS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4IS Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L3G4IS Datasheet HTML 15Page - STMicroelectronics L3G4IS Datasheet HTML 16Page - STMicroelectronics L3G4IS Datasheet HTML 17Page - STMicroelectronics L3G4IS Datasheet HTML 18Page - STMicroelectronics L3G4IS Datasheet HTML 19Page - STMicroelectronics L3G4IS Datasheet HTML 20Page - STMicroelectronics L3G4IS Datasheet HTML 21Page - STMicroelectronics L3G4IS Datasheet HTML 22Page - STMicroelectronics L3G4IS Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
L3G4IS
Application hints
Doc ID 022612 Rev 1
19/24
6.1.2
Configuration 2
Figure 5.
L3G4IS power supply configuration 2
where:
●
AVdd is OFF
●
HAVdd is ON
●
OIS mode enabled
●
I2C (SCL/SDA) is not available
●
Vdd_IO_SPI has been shorted to HAVdd: SPI is now powered by HAVdd.
Note:
For complete external component placement please refer to Figure 3: L3G4IS electrical
connections and external component values.
6.1.3
Configuration 3
Figure 6.
L3G4IS power supply configuration 3
SCL
DRDY
GND
SDA
Vdd_IO_SPI
1
8
12
5
49
13
16
TOP
VIEW
14
SCL_OIS
CS_OIS
SDI/SDO_OIS
Res
Res
Res
HAVdd
GND
INT
AM10238v1
SCL
DRDY
GND
SDA
Vdd_IO_SPI
1
8
12
5
49
13
16
TOP
VIEW
14
SCL_OIS
CS_OIS
SDI/SDO_OIS
Res
Res
Res
HAVdd
AVdd
INT
Rpu = 10kOhm
Rpu
SCL
SDA
Pull-up to be added on I2C lines
VddI2Cbus
Rpu = 10kOhm
Rpu
INT
DRDY
Pull-up to be added on INT and DRDY signals
VddI2Cbus
AM10239v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com