Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIPN2M50-H Datasheet(PDF) 14 Page - STMicroelectronics

Part # STIPN2M50-H
Description  SLLIMM-nano IPM, 3-phase inverter, 2 A, 1.7 Ω max., 500 V MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIPN2M50-H Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STIPN2M50-H Datasheet HTML 10Page - STMicroelectronics STIPN2M50-H Datasheet HTML 11Page - STMicroelectronics STIPN2M50-H Datasheet HTML 12Page - STMicroelectronics STIPN2M50-H Datasheet HTML 13Page - STMicroelectronics STIPN2M50-H Datasheet HTML 14Page - STMicroelectronics STIPN2M50-H Datasheet HTML 15Page - STMicroelectronics STIPN2M50-H Datasheet HTML 16Page - STMicroelectronics STIPN2M50-H Datasheet HTML 17Page - STMicroelectronics STIPN2M50-H Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
6.1
NDIP-26L type C package information
Figure 8. NDIP-26L type C package outline
8278949_7
STIPN2M50-H
Package information
DS11935 - Rev 6
page 14/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com