Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIPN2M50-H Datasheet(PDF) 15 Page - STMicroelectronics

Part # STIPN2M50-H
Description  SLLIMM-nano IPM, 3-phase inverter, 2 A, 1.7 Ω max., 500 V MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIPN2M50-H Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STIPN2M50-H Datasheet HTML 11Page - STMicroelectronics STIPN2M50-H Datasheet HTML 12Page - STMicroelectronics STIPN2M50-H Datasheet HTML 13Page - STMicroelectronics STIPN2M50-H Datasheet HTML 14Page - STMicroelectronics STIPN2M50-H Datasheet HTML 15Page - STMicroelectronics STIPN2M50-H Datasheet HTML 16Page - STMicroelectronics STIPN2M50-H Datasheet HTML 17Page - STMicroelectronics STIPN2M50-H Datasheet HTML 18Page - STMicroelectronics STIPN2M50-H Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Table 15. NDIP-26L type C mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.40
A1
0.80
1.00
1.20
A2
3.00
3.10
3.20
A3
1.70
1.80
1.90
A4
5.70
5.90
6.10
b
0.53
0.72
b1
0.52
0.60
0.68
b2
0.83
1.02
b3
0.82
0.90
0.98
c
0.46
0.59
c1
0.45
0.50
0.55
D
29.05
29.15
29.25
D1
0.50
0.77
1.00
D2
0.35
0.53
0.70
D3
29.55
E
12.35
12.45
12.55
e
1.70
1.80
1.90
e1
2.40
2.50
2.60
eB1
16.10
16.40
16.70
eB2
21.18
21.48
21.78
L
1.24
1.39
1.54
STIPN2M50-H
NDIP-26L type C package information
DS11935 - Rev 6
page 15/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com