Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4002 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4002
Description  Standalone Li-Ion Switch Mode Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4002 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4002 Datasheet HTML 8Page - Linear Technology LTC4002 Datasheet HTML 9Page - Linear Technology LTC4002 Datasheet HTML 10Page - Linear Technology LTC4002 Datasheet HTML 11Page - Linear Technology LTC4002 Datasheet HTML 12Page - Linear Technology LTC4002 Datasheet HTML 13Page - Linear Technology LTC4002 Datasheet HTML 14Page - Linear Technology LTC4002 Datasheet HTML 15Page - Linear Technology LTC4002 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC4002
14
4002f
APPLICATIO S I FOR ATIO
Next, choose the P-channel MOSFET. The Si6435ADQ in
a TSSOP-8 package with RDS(ON) = 42mΩ (nom), 55mΩ
(max) offers a small solution. The maximum power dissi-
pation with VIN = 5V and VBAT = 4V at 50°C ambient
temperature is:
P
AmV
V
W
D =
()
Ω
()( )
=
1 5
55
4
5
0 099
2
.
.
TJ = 50°C + (0.099W)(65°C/W) = 56.5°C
CIN is chosen for an RMS current rating of about 0.8A at
85°C. The output capacitor is chosen for an ESR similar to
the battery impedance of about 100mΩ. The ripple voltage
on the BAT pin is:
V
I
ESR
A
mV
OUT RIPPLE
LMAX
()
()
..
=
∆
()
=
() Ω
()
=
2
096
0 1
2
48
C1: Taiyo Yuden TMK325BJ106MM
C2: Taiyo Yuden JMK325BJ226MM
L1: TOKO B952AS-6R8N
The Schottky diode D2 shown in Figure 2 conducts current
when the pass transistor is off. In a low duty cycle case, the
current rating should be the same or higher than the
charge current. Also it should withstand reverse voltage as
high as VIN.
Board Layout Suggestions
When laying out the printed circuit board, the following
considerations should be taken to ensure proper opera-
tion of the LTC4002.
GATE pin rise and fall times are 20ns and 50ns respectively
(with CGATE = 2000pF). To minimize radiation, the catch
diode, pass transistor and the input bypass capacitor
traces should be kept as short as possible. The positive
side of the input capacitor should be close to the source of
the P-channel MOSFET; it provides the AC current to the
pass transistor. The connection between the catch diode
and the pass transistor should also be kept as short as
possible. The SENSE and BAT pins should be connected
directly to the sense resistor (Kelvin sensing) for best
charge current accuracy. Avoid routing the NTC PC board
trace near the MOSFET switch to minimize coupling switch-
ing noise into the NTC pin.
The compensation capacitor connected at the COMP pin
should return to the ground pin of the IC or as close to it
as possible. This will prevent ground noise from disrupt-
ing the loop stability. The ground pin also works as a heat
sink, therefore use a generous amount of copper around
the ground pin. This is especially important for high VCC
and/or high gate capacitance applications.
L1
6.8µH
+
4002 F02
NTC: DALE NTHS-1206N02
CC
0.47µF
RC
2.2k
4.2V
Li-Ion
BATTERY
10k
NTC
SENSE
GATE
BAT
CHRG
LTC4002ES8-4.2
VCC
VIN
5V TO 22V
BAT
NTC
GND
COMP
R1
2k
CHARGE
STATUS
T
M1
Si6435ADQ
2
3
7
6
1
5
4
8
D1
B330
D2
B330
C2
22µF
CER
C1
10µF
CER
C3
0.1µF
CER
RSENSE
68mΩ
Figure 2. 1.5A Single Cell Li-Ion Battery Charger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com