Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4002 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4002
Description  Standalone Li-Ion Switch Mode Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4002 Datasheet(HTML) 2 Page - Linear Technology

  LTC4002 Datasheet HTML 1Page - Linear Technology LTC4002 Datasheet HTML 2Page - Linear Technology LTC4002 Datasheet HTML 3Page - Linear Technology LTC4002 Datasheet HTML 4Page - Linear Technology LTC4002 Datasheet HTML 5Page - Linear Technology LTC4002 Datasheet HTML 6Page - Linear Technology LTC4002 Datasheet HTML 7Page - Linear Technology LTC4002 Datasheet HTML 8Page - Linear Technology LTC4002 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4002
2
4002f
Supply Voltage (VCC) .............................................. 24V
GATE .................................................. (VCC – 8V) to VCC
BAT, SENSE .............................................. – 0.3V to 14V
CHRG, NTC ................................................. – 0.3V to 8V
ORDER PART
NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC4002EDD-4.2
LTC4002EDD-8.4
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
TJMAX = 125°C, θJA = 110°C/W
1
2
3
4
8
7
6
5
TOP VIEW
NTC
SENSE
BAT
CHRG
COMP
VCC
GATE
GND
S8 PACKAGE
8-LEAD PLASTIC SO
DD PART MARKING
LAGG
LBGY
Operating Temperature Range (Note 4) .. – 40°C to 85°C
Storage Temperature Range ................. – 65°C to 125°C
Lead Temperature (S8 Package)
(Soldering, 10 sec) ........................................... 300°C
TOP VIEW
11
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
NC
NTC
SENSE
BAT
CHRG
COMP
VCC
GATE
PGND
SGND
ORDER PART
NUMBER
LTC4002ES8-4.2
LTC4002ES8-8.4
S8 PART MARKING
400242
400284
ELECTRICAL CHARACTERISTICS (LTC4002-4.2) The ● denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. VCC = 10V unless otherwise noted.
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD IS GND (PIN 11)
MUST BE SOLDERED TO PCB
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC Characteristics
VCC
VCC Supply Voltage
●
4.7
22
V
ICC
VCC Supply Current
Current Mode
3
5
mA
Shutdown Mode
3
5
mA
Sleep Mode
10
20
µA
VBAT(FLT)
Battery Regulated Float Voltage
5V ≤ VCC ≤ 22V (Note 2)
4.168
4.2
4.232
V
●
4.158
4.242
V
VSNS(CHG) Constant Current Sense Voltage
3V ≤ VBAT ≤ 4V (Note 3)
0°C ≤ TA ≤ 85°C
●
93
100
107
mV
–40°C ≤ TA ≤ 85°C
●
90
110
mV
VSNS(TRKL) Trickle Current Sense Voltage
VBAT = 0V (Note 3)
5
10
15
mV
VTRKL
Trickle Charge Threshold Voltage
VBAT Rising
2.75
2.9
3.05
V
VUV
VCC Undervoltage Lockout Threshold Voltage
VCC Rising
3.9
4.2
4.5
V
∆VUV
VCC Undervoltage Lockout Hysteresis Voltage
200
mV
VMSD
Manual Shutdown Threshold Voltage
COMP Pin Falling
200
360
500
mV
VASD
Automatic Shutdown Threshold Voltage
VCC – VBAT
250
mV
ICOMP
COMP Pin Output Current
VCOMP = 1.2V
100
µA
ICHRG
CHRG Pin Weak Pull-Down Current
VCHRG = 1V
15
25
35
µA
VCHRG
CHRG Pin Output Low Voltage
ICHRG = 1mA
0.15
0.3
V
REOC
End-of-Charge Ratio
VSNS(EOC)/VSNS(CHG)
10
25
32
%
tTIMER
Charge Time Accuracy
10
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com