Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2001DIE1 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STE2001DIE1
Description  65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2001DIE1 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STE2001DIE1 Datasheet HTML 17Page - STMicroelectronics STE2001DIE1 Datasheet HTML 18Page - STMicroelectronics STE2001DIE1 Datasheet HTML 19Page - STMicroelectronics STE2001DIE1 Datasheet HTML 20Page - STMicroelectronics STE2001DIE1 Datasheet HTML 21Page - STMicroelectronics STE2001DIE1 Datasheet HTML 22Page - STMicroelectronics STE2001DIE1 Datasheet HTML 23Page - STMicroelectronics STE2001DIE1 Datasheet HTML 24Page - STMicroelectronics STE2001DIE1 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21/36
STE2001
Parallel Interface
The STE2001 parallel Interface is a unidirectional link between the display driver and the application supervisor.
It consists of ten lines: eight data lines (from DB7 to DB0) and two control lines. The control lines are: enable
(E) for data latch and PD/C for mode selection.
The data lines and the control line values are internally latched on E rising edge (fig. 23).
Figure 23. Parallel interface timing
Table 1. Instruction Set
Instruction
D/C
R/W
Description
B7
B6
B5
B4
B3
B2
B1
B0
H=0 or H=1
NOP
000
0000000
No Operation
Function Set
0
0
0
0
1
MX
MY
PD
V
H
Power Down Management; Entry
Mode; Extended Instruction Set
Read Status Byte
0
1
PD
TRS
BRS
D
E
MX
MY
DO
(I2C interface only )
Write Data
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Writes data to RAM
H=0
Memory Blank
0
0
0
0000001
Starts Memory Blank Procedure
Scroll
0
0
0
000001
DIR
Scrolls by one Row UP or DOWN
VLCD Range Setting
000
000010
PRS
VLDC programming range selection
Display Control
0
0
0
0001
D
0
E
Select Display Configuration
Set CP Factor
0
0
0
00100
S1
S0
Charge Pump Multiplication Facto
r
Set RAM Y
0
0
0
1
0
0
Y3
Y2
Y1
Y0
Set Horizontal (Y) RAM Address
Set RAM X
0
0
1
X6
X5
X4
X3
X2
X1
X0
Set Vertical (X) RAM Address
H=1
Checker Board
0
0
0
0000001
Starts Checker Board Procedure
Multiplex Select
0
0
0
000001
MUX
Selects MUX factor
TC Select
0
0
0
00001
TC1 TC0 Set Temperature Coefficient for VLDC
Output Address
0
0
0
0001
DO
TRS
BRS
Set Row Order on Output Pads
Bias Ratios
000
0010
BS2 BS1 BS0
Set desired Bias Ratios
Reserved
0
0
0
1
X
X
X
X
X
X
Not to be used
Set VOP
001
OP6
OP5
OP4
OP3
OP2
OP1
OP0
VOP register Write instruction
PD/C
tSU(A)
tSU(D)
DB0-DB7
E
D00IN1162
tW(en)
tHO(D)
tCY(en)
th(A)
RES
tSTART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com