Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2001DIE1 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STE2001DIE1
Description  65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2001DIE1 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STE2001DIE1 Datasheet HTML 19Page - STMicroelectronics STE2001DIE1 Datasheet HTML 20Page - STMicroelectronics STE2001DIE1 Datasheet HTML 21Page - STMicroelectronics STE2001DIE1 Datasheet HTML 22Page - STMicroelectronics STE2001DIE1 Datasheet HTML 23Page - STMicroelectronics STE2001DIE1 Datasheet HTML 24Page - STMicroelectronics STE2001DIE1 Datasheet HTML 25Page - STMicroelectronics STE2001DIE1 Datasheet HTML 26Page - STMicroelectronics STE2001DIE1 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
23/36
STE2001
Table 6.
Figure 24. Application Schematic Using an External LCD Voltage Generator
Figure 25. Application Schematic using the Internal LCD Voltage Generator and two separate supplies
BS2
BS1
BS0
DESCRIPTIO N
RESET STATE
0
0
0
Bias Ratio equal to 7
0
0
1
Bias Ratio equal to 6
0
1
0
Bias Ratio equal to 5
0
1
1
Bias Ratio equal to 4
000
1
0
0
Bias Ratio equal to 3
1
0
1
Bias Ratio equal to 2
1
1
0
Bias Ratio equal to 1
1
1
1
Bias Ratio equal to 0
VDD
VDD2,3
I/O
VDD1
VSS2
VSS1
VLCDSENSE
VLCDOUT
VLCDIN
VSS
VLCD
65 x 128
DISPLAY
32
128
100nF
1
µF
33
D00IN1157
VDD2
VDD1
VDD2,3
I/O
VDD1
VSS2
VSS1
VLCDSENSE
VLCDOUT
VLCDIN
VSS
65 x 128
DISPLAY
32
128
33
D00IN1158
100nF
100nF
1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com