Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC173N Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC173N
Description  Quad D-type flip-flop; positive-edge trigger; 3-state
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC173N Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC173N Datasheet HTML 2Page - NXP Semiconductors 74HC173N Datasheet HTML 3Page - NXP Semiconductors 74HC173N Datasheet HTML 4Page - NXP Semiconductors 74HC173N Datasheet HTML 5Page - NXP Semiconductors 74HC173N Datasheet HTML 6Page - NXP Semiconductors 74HC173N Datasheet HTML 7Page - NXP Semiconductors 74HC173N Datasheet HTML 8Page - NXP Semiconductors 74HC173N Datasheet HTML 9Page - NXP Semiconductors 74HC173N Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
December 1990
9
Philips Semiconductors
Product specification
Quad D-type flip-flop; positive-edge trigger; 3-state
74HC/HCT173
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL =50pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max.
min.
max. min. max.
tPHL/ tPLH propagation delay
CP to Qn
20
40
50
60
ns
4.5
Fig.6
tPHL
propagation delay
MR to Qn
20
37
46
56
ns
4.5
Fig.7
tPZH/ tPZL
3-state output enable time
OEn to Qn
20
35
44
53
ns
4.5
Fig.8
tPHZ/ tPLZ
3-state output disable time
OEn to Qn
19
30
38
45
ns
4.5
Fig.8
tTHL/ tTLH
output transition time
5
12
15
19
ns
4.5
Fig.6
tW
clock pulse width
HIGH or LOW
16
7
20
24
ns
4.5
Fig.6
tW
master reset pulse
width; HIGH
15
6
19
22
ns
4.5
Fig.7
trem
removal time
MR to CP
12
−2
15
18
ns
4.5
Fig.7
tsu
set-up time
En to CP
22
13
28
33
ns
4.5
Fig.9
tsu
set-up time
Dn to CP
12
7
15
18
ns
4.5
Fig.9
th
hold time
En to CP
0
−6
0
0
ns
4.5
Fig.9
th
hold time
Dn to CP
0
−3
0
0
ns
4.5
Fig.9
fmax
maximum clock pulse
frequency
30
80
24
20
MHz
4.5
Fig.6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com