Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC173N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC173N
Description  Quad D-type flip-flop; positive-edge trigger; 3-state
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC173N Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC173N Datasheet HTML 1Page - NXP Semiconductors 74HC173N Datasheet HTML 2Page - NXP Semiconductors 74HC173N Datasheet HTML 3Page - NXP Semiconductors 74HC173N Datasheet HTML 4Page - NXP Semiconductors 74HC173N Datasheet HTML 5Page - NXP Semiconductors 74HC173N Datasheet HTML 6Page - NXP Semiconductors 74HC173N Datasheet HTML 7Page - NXP Semiconductors 74HC173N Datasheet HTML 8Page - NXP Semiconductors 74HC173N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
December 1990
3
Philips Semiconductors
Product specification
Quad D-type flip-flop; positive-edge trigger; 3-state
74HC/HCT173
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1, 2
OE1, OE2
output enable input (active LOW)
3, 4, 5, 6
Q0 to Q3
3-state flip-flop outputs
7
CP
clock input (LOW-to-HIGH, edge-triggered)
8
GND
ground (0 V)
9, 10
E1, E2
data enable inputs (active LOW)
14, 13, 12, 11
D0 to D3
data inputs
15
MR
asynchronous master reset (active HIGH)
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com