Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2903B Datasheet(PDF) 14 Page - STMicroelectronics

Part # LM2903B
Description  Low-power dual voltage comparator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903B Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LM2903B Datasheet HTML 10Page - STMicroelectronics LM2903B Datasheet HTML 11Page - STMicroelectronics LM2903B Datasheet HTML 12Page - STMicroelectronics LM2903B Datasheet HTML 13Page - STMicroelectronics LM2903B Datasheet HTML 14Page - STMicroelectronics LM2903B Datasheet HTML 15Page - STMicroelectronics LM2903B Datasheet HTML 16Page - STMicroelectronics LM2903B Datasheet HTML 17Page - STMicroelectronics LM2903B Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Table 6. TSSOP8 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
-
-
1.20
A1
0.05
-
0.15
A2
0.90
1.00
1.05
A3
0.39
0.44
0.49
b
0.20
-
0.28
b1
0.19
0.22
0.25
D2
3.55
3.65
3.75
c
0.13
-
0.17
c1
0.12
0.13
0.14
D
2.90
3.00
3.10
E1
4.30
4.40
4.50
E
6.20
6.40
6.60
e
0.65 BSC
L
0.45
-
0.75
L1
1.00 REF
θ
0°
-
8°
Figure 19. TSSOP8 recommended footprint
LM2903B
TSSOP8 package information
DS13991 - Rev 2
page 14/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com