Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2903B Datasheet(PDF) 19 Page - STMicroelectronics

Part # LM2903B
Description  Low-power dual voltage comparator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903B Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LM2903B Datasheet HTML 12Page - STMicroelectronics LM2903B Datasheet HTML 13Page - STMicroelectronics LM2903B Datasheet HTML 14Page - STMicroelectronics LM2903B Datasheet HTML 15Page - STMicroelectronics LM2903B Datasheet HTML 16Page - STMicroelectronics LM2903B Datasheet HTML 17Page - STMicroelectronics LM2903B Datasheet HTML 18Page - STMicroelectronics LM2903B Datasheet HTML 19Page - STMicroelectronics LM2903B Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
List of figures
Figure 1.
Diagram......................................................................... 2
Figure 2.
Pin connections (top view) ............................................................ 2
Figure 3.
Supply current vs. supply voltage ....................................................... 7
Figure 4.
Input offset voltage vs. supply voltage .................................................... 7
Figure 5.
Input offset voltage vs. common-mode voltage at Vcc = 36 V .................................... 7
Figure 6.
Input bias current vs. supply voltage at Vcm = Vcc/2 .......................................... 7
Figure 7.
Input bias current vs. common-mode voltage at Vcc = 36 V ..................................... 7
Figure 8.
Output saturation voltage vs. output current ................................................ 7
Figure 9.
Output saturation current vs. output voltage at Vcc = 36 V ...................................... 8
Figure 10.
Positive step response............................................................... 8
Figure 11.
Negative step response .............................................................. 8
Figure 12.
Propagation delay vs. overdrive for positive steps at Vcc = 36 V .................................. 8
Figure 13.
Propagation delay vs. overdrive for negative steps at Vcc = 36 V ................................. 8
Figure 14.
SO8 package outline ................................................................ 9
Figure 15.
SO8 recommended footprint.......................................................... 10
Figure 16.
MiniSO8 package outline ............................................................ 11
Figure 17.
MiniSO8 recommended footprint....................................................... 12
Figure 18.
TSSOP8 package outline............................................................ 13
Figure 19.
TSSOP8 recommended footprint ...................................................... 14
LM2903B
List of figures
DS13991 - Rev 2
page 19/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com