Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2421 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2421
Description  1-/2-Channel 20-Bit UPower No Latency ADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2421 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2421 Datasheet HTML 10Page - Linear Technology LTC2421 Datasheet HTML 11Page - Linear Technology LTC2421 Datasheet HTML 12Page - Linear Technology LTC2421 Datasheet HTML 13Page - Linear Technology LTC2421 Datasheet HTML 14Page - Linear Technology LTC2421 Datasheet HTML 15Page - Linear Technology LTC2421 Datasheet HTML 16Page - Linear Technology LTC2421 Datasheet HTML 17Page - Linear Technology LTC2421 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
14
LTC2421/LTC2422
24212f
external serial clock. If the change occurs during the con-
version state, the result of the conversion in progress may
be outside specifications but the following conversions
will not be affected. If the change occurs during the data
output state and the converter is in the Internal SCK mode,
the serial clock duty cycle may be affected but the serial
data stream will remain valid.
Table 3 summarizes the duration of each state as a func-
tion of FO.
SERIAL INTERFACE
The LTC2421/LTC2422 transmit the conversion results
and receives the start of conversion command through a
synchronous 3-wire interface. During the conversion and
sleep states, this interface can be used to assess the con-
verter status and during the data output state, it is used to
read the conversion result.
Serial Clock Input/Output (SCK)
The serial clock signal present on SCK (Pin 9) is used to
synchronize the data transfer. Each bit of data is shifted out
the SDO pin on the falling edge of the serial clock.
In the Internal SCK mode of operation, the SCK pin is an
output and the LTC2421/LTC2422 create their own serial
clock by dividing the internal conversion clock by 8. In the
External SCK mode of operation, the SCK pin is used as
input. The internal or external SCK mode is selected on
power-up and then reselected every time a HIGH-to-LOW
transition is detected at the CS pin. If SCK is HIGH or
floating at power-up or during this transition, the con-
verter enters the internal SCK mode. If SCK is LOW at
power-up or during this transition, the converter enters
the external SCK mode.
Serial Data Output (SDO)
The serial data output pin, SDO (Pin 8), drives the serial
data during the data output state. In addition, the SDO pin
is used as an end of conversion indicator during the con-
version and sleep states.
When CS (Pin 7) is HIGH, the SDO driver is switched to a
high impedance state. This allows sharing the serial
Table 3. LTC2421/LTC2422 State Duration
State
Operating Mode
Duration
CONVERT
Internal Oscillator
FO = LOW
133ms
(60Hz Rejection)
FO = HIGH
160ms
(50Hz Rejection)
External Oscillator
FO = External Oscillator
20510/fEOSCs
with Frequency fEOSC kHz
(fEOSC/2560 Rejection)
SLEEP
As Long As CS = HIGH Until CS = 0 and SCK
DATA OUTPUT
Internal Serial Clock
FO = LOW/HIGH
As Long As CS = LOW But Not Longer Than 1.28ms
(Internal Oscillator)
(24 SCK cycles)
FO = External Oscillator with
As Long As CS = LOW But Not Longer Than 192/fEOSCms
Frequency fEOSC kHz
(24 SCK cycles)
External Serial Clock with
As Long As CS = LOW But Not Longer Than 24/fSCKms
Frequency fSCK kHz
(24 SCK cycles)
APPLICATIO S I FOR ATIO
Figure 5. LTC2421/LTC2422 Normal Mode Rejection When
Using an External Oscillator of Frequency fEOSC
INPUT FREQUENCY DEVIATION FROM NOTCH FREQUENCY (%)
–12
–8
–4
048
12
24212 F05
–60
–70
–80
–90
–100
–110
–120
–130
–140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com