Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2421 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2421
Description  1-/2-Channel 20-Bit UPower No Latency ADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2421 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2421 Datasheet HTML 17Page - Linear Technology LTC2421 Datasheet HTML 18Page - Linear Technology LTC2421 Datasheet HTML 19Page - Linear Technology LTC2421 Datasheet HTML 20Page - Linear Technology LTC2421 Datasheet HTML 21Page - Linear Technology LTC2421 Datasheet HTML 22Page - Linear Technology LTC2421 Datasheet HTML 23Page - Linear Technology LTC2421 Datasheet HTML 24Page - Linear Technology LTC2421 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
LTC2421/LTC2422
24212f
APPLICATIO S I FOR ATIO
Figure 12. Internal Serial Clock, Autostart Operation
VCC
FO
FSSET
ZSSET
SCK
CH1
SDO
GND
CS
REFERENCE VOLTAGE
ZSSET + 0.1V TO VCC
0V TO FSSET – 100mV
CH0
= INTERNAL OSC/50Hz REJECTION
= EXTERNAL CLOCK SOURCE
= INTERNAL OSC/60Hz REJECTION
1
µF
110
9
8
7
6
CEXT
2
3
4
5
2.7V TO 5.5V
LTC2422
VCC
VCC
10k
ANALOG INPUT RANGE
ZSSET – 0.12VREF TO
FSSET + 0.12VREF
(VREF = FSSET – ZSSET)
SDO
Hi-Z
Hi-Z
SCK
(INTERNAL)
CS
VCC
GND
2420 F12
BIT 0
SIG
BIT 21
BIT 22
SLEEP
DATA OUTPUT
CONVERSION
CONVERSION
EOC
BIT 23
Figure 13. CS Capacitance vs tSAMPLE
Figure 14. CS Capacitance
vs Output Rate
CAPACITANCE ON CS (pF)
1
5
6
7
1000
10000
24212 F13
4
3
10
100
100000
2
1
0
VCC = 5V
VCC = 3V
CAPACITANCE ON CS (pF)
1
0
50
100
150
200
250
300
10
100
1000
10000
24212 F15
100000
VCC = 5V
VCC = 3V
to take advantage of exceptional accuracy and low supply
current.
The digital output signals (SDO and SCK in Internal SCK
mode of operation) are less of a concern because they are
not generally active during the conversion state.
In order to preserve the LTC2421/LTC2422’s accuracy, it
is very important to minimize the ground path impedance
which may appear in series with the input and/or reference
signal and to reduce the current which may flow through
this path. The GND pin should be connected to a low
CAPACITANCE ON CS (pF)
1
0
50
100
150
200
250
300
10
100
1000
10000
24212 F15
100000
VCC = 5V
VCC = 3V
Figure 15. CS Capacitance
vs Supply Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com