Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5534BCPZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5534BCPZN-R7
Description  3.1 GHz to 4.2 GHz, Receiver Front End
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5534BCPZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5534BCPZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5534BCPZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5534BCPZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5534BCPZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5534BCPZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5534BCPZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5534BCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5534BCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5534BCPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Data Sheet
ADRF5534
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 11
ELECTRICAL SPECIFICATIONS
VCC = 5 V, T/R = 0 V or 5 V, TCASE = 25°C, 50 Ω system, unless otherwise noted.
Table 1. Electrical Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
3.1
4.2
GHz
RECEIVE OPERATION
At 3.6 GHz, unless otherwise noted
Gain
ANT to RXOUT
35.5
dB
Gain Flatness
Over any 400 MHz bandwidth
1.5
dB
Input Return Loss
ANT port
20
dB
Output Return Loss
RXOUT port
25
dB
Reverse Isolation
RXOUT to ANT
53
dB
Term Isolation
ANT to TERM
20
dB
NF
1.3
dB
IIP3
Two-tone input power = −30 dBm per tone at 1 MHz tone spacing
−4
dBm
Input 1 dB Compression (IP1dB)
−17
dBm
Switching Speed
ANT to RXOUT, 50% of T/R to 10%, 90% of RF output
800
ns
Settling Time
ANT to RXOUT, 50% of T/R to 0.3 dB of RF output
950
ns
TRANSMIT OPERATION
At 3.6 GHz, unless otherwise noted
Insertion Loss
ANT to TERM
0.8
dB
Input Return Loss
ANT port
20
dB
Output Return Loss
TERM port
18
dB
IIP3
Two-tone input power = 30 dBm per tone at 80 MHz tone spacing
65
dBm
IP1dB
45
dBm
Input 0.1 dB Compression (IP0.1dB)
43
dBm
Switching Speed
ANT to TERM, 50% of T/R to 10%, 90% of RF output
600
ns
Settling Time
ANT to TERM, 50% of T/R to 0.3 dB of RF output
650
ns
RECOMMENDED OPERATING CONDITIONS
Supply Voltage (VCC) Range
VCC
4.75
5
5.25
V
Control Voltage Range
T/R
0
VCC
V
RF Input Power at ANT
T/R = 5 V, TC = 105°C
8 dB PAR LTE full lifetime average
37
dBm
8 dB PAR LTE single event (<10 sec) average
39
dBm
TCASE
−40
+105
°C
TCASE at Maximum
Receive operation
145
°C
Transmit operation
135
°C
SUPPLY CURRENT (ICC)
VCC = 5 V
Receive Operation
120
mA
Transmit Operation
15
mA
DIGITAL INPUT
T/R
Low (VIL)
−0.3
0.7
V
High (VIH)
1.07
VCC
V
DIGITAL INPUT CURRENT
T/R = 5 V
5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com